Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT80-10J Datasheet (PDF) - Sanyo Semicon Device

SBT80-10J Datasheet PDF - Sanyo Semicon Device
Part # SBT80-10J
Download  SBT80-10J Download
File Size   38.82 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier

SBT80-10J Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT80-10J Datasheet PDF - Sanyo Semicon Device

Part # SBT80-10J
Download  SBT80-10J Click to download

File Size   38.82 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier

SBT80-10J Datasheet (HTML) - Sanyo Semicon Device


SBT80-10J Product details

Features
• Tj=150°C.
• Low forward voltage (VF max=0.80V).
• Short reverse recovery time.
• Low switching noise.
• High reliability due to highly reliable planar structure.
• Micaless package facilitating mounting.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBT80-10J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-10JS SANYO-SBT80-10JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
More results


Similar Description - SBT80-10J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-10JS SANYO-SBT80-10JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10LS SANYO-SBT80-10LS Datasheet
41Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10Y SANYO-SBT80-10Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT150-10JS SANYO-SBT150-10JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 15A Rectifier
SBT350-10L SANYO-SBT350-10L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 35A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com