Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16215C Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C16215C Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C16215C
Download  PI5C16215C Download
File Size   166.03 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection

PI5C16215C Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C16215C Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C16215C
Download  PI5C16215C Click to download

File Size   166.03 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection

PI5C16215C Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C16215C Product details

Product Description
Pericom Semiconductors PI5C series of logic circuits are produced using the companys advanced submicron CMOS technology.
The PI5C16215C provides 20-bits of high-speed bus switching. The low on-state resistance of the switch allows connections to be made with minimal propagation delay. The device also precharges the Bport to a user-selectable bias voltage (BIASV) to minimize liveinsertion noise. The device incorporates an internal charge pump to handle input undershoot of up to -1.5V and 25ns width.

Product Features
• Undershoot protection up to -1.5V, 25ns width
• Near zero propagation delay
• 5 Ohm switches connect between two ports
• Fast switching speed: 4.5ns max.
• Permits hot insertion
• Isolation during power-off conditions
• B-Port outputs are precharged by bias voltage
   to minimize signal distortion during live insertion.
• Package options include:
   - 48-pin 150-mil wide plastic BQSOP (B)
   - 48-pin 240-mil wide plastic TSSOP (A)




Similar Part No. - PI5C16215C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
20-Bit, 2-Port Bus Switch
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211A PERICOM-PI5C16211A Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
PI5C16211K PERICOM-PI5C16211K Datasheet
115Kb / 3P
24-Bit Bus Switch
More results


Similar Description - PI5C16215C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
4-Bit BusSwitch with -2V Undershoot Protection
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI3B16211 PERICOM-PI3B16211 Datasheet
146Kb / 5P
3.3V, Hot Insertion, 24-Bit BusSwitch
PI3B16215 PERICOM-PI3B16215 Datasheet
560Kb / 5P
3.3V, Hot Insertion, 20-Bit FET BusSwitch w/Precharged Outputs
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com