Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C6801C Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C6801C Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C6801C
Download  PI5C6801C Download
File Size   339.5 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection

PI5C6801C Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C6801C Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C6801C
Download  PI5C6801C Click to download

File Size   339.5 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection

PI5C6801C Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C6801C Product details

Product Description
Pericom’s Semiconductor’s PI5C series of logic circuits are produced using the Company’s advanced submicron CMOS technology, achieving industry leading performance.
The PI5C6801C is a 10-bit bus switch with low on-state resistance.
The bus switch creates no additional propagation delay. The device also precharges the B port to a user-selectable bias voltage (BIASV) to minimize live-insertion noise.

Product Features
• RON is 5 Ohm typical
• Undershoot protection on A-port only
• Industrial Operation Temperature: –40”C to +85”C
• Near Zero propagation delay
• VCCOperating Range: +4.0V to +5.5V
• Outputs are pre-charged by bias voltage to minimize signal distortion during live insertion
• Packages options:
    -24-pin 150 mil-wide plastic QSOP (Q)
    -24-pin 173 mil-wide plastic TSSOP (L)




Similar Part No. - PI5C6801C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CL PERICOM-PI5C6800CL Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CLE PERICOM-PI5C6800CLE Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CQ PERICOM-PI5C6800CQ Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
More results


Similar Description - PI5C6801C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com