Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C6801C Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C6801C
Description  10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6801C Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C6801C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6801C Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8374B
05/02/00
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
BIASV
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ON
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
ProductPinConfiguration
Function
ON
B1 - B10
Connect
L
A1 - A10
Precharge
H
BIASV
Truth Table(1)
Notes:
1. H = High Voltage Level
L = Low Voltage Level
LogicDiagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C6801C
10-Bit Bus Switch with Precharged Outputs
for Live Insertion and –2V Undershoot Protection
ProductDescription
Pericom’sSemiconductor’sPI5Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI5C6801C is a 10-bit bus switch with low on-state resistance.
The bus switch creates no additional propagation delay. The device
also precharges the B port to a user-selectable bias voltage (BIASV)
tominimizelive-insertionnoise.
The switch is turned on by a single enable (ON) input. When ON is
LOW, the switch is on and port A is connnected to port B. When ON
is HIGH, the switch between port A and port B is open and the B port
is precharged to BIASV through the equivalent of a 10-kΩ resistor.
ProductFeatures
•RON is 5 Ohm typical
• Undershoot protection on A-port only
• Industrial Operation Temperature: –40ºC to +85ºC
• Near Zero propagation delay
•VCCOperatingRange:+4.0Vto+5.5V
• Outputs are pre-charged by bias voltage to minimize
signal distortion during live insertion
• Packages options:
-24-pin150mil-wideplasticQSOP(Q)
-24-pin173mil-wideplasticTSSOP(L)
24-Pin
L,Q
ON
A10
A1
13
23
14
B1
B10


Similar Part No. - PI5C6801C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CL PERICOM-PI5C6800CL Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CLE PERICOM-PI5C6800CLE Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800CQ PERICOM-PI5C6800CQ Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
More results

Similar Description - PI5C6801C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com