Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0503SH Datasheet (PDF) - Sanyo Semicon Device

SS0503SH Datasheet PDF - Sanyo Semicon Device
Part # SS0503SH
Download  SS0503SH Download
File Size   33.44 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 0.5A Rectifier

SS0503SH Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0503SH Datasheet PDF - Sanyo Semicon Device

Part # SS0503SH
Download  SS0503SH Click to download

File Size   33.44 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 0.5A Rectifier

SS0503SH Datasheet (HTML) - Sanyo Semicon Device


SS0503SH Product details

30V, 0.5A Rectifier

Features
• Low forward voltage (IF=0.3A, VF max=0.42V) (IF=0.5A, VF max=0.47V).
• Ultrasmall package permitting applied sets to be small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS0503SH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS0503SH ONSEMI-SS0503SH Datasheet
320Kb / 6P
Schottky Barrier Diode
September, 2013
SS0503SH-TL-E ONSEMI-SS0503SH-TL-E Datasheet
320Kb / 6P
Schottky Barrier Diode
September, 2013
More results


Similar Description - SS0503SH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
Schottky Barrier Diode 90V, 0.5A Rectifier
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
Schottky Barrier Diode 30V, 0.2A Rectifier
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
Schottky Barrier Diode 30V, 1.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
logo
Diodes Incorporated
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Will Semiconductor Ltd.
WSB5539N WILLSEMI-WSB5539N Datasheet
1Mb / 4P
0.5A, Schottky Barrier Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com