Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0503EC Datasheet (PDF) - Sanyo Semicon Device

SS0503EC Datasheet PDF - Sanyo Semicon Device
Part # SS0503EC
Download  SS0503EC Download
File Size   51.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 30V, 0.5A Rectifier

SS0503EC Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0503EC Datasheet PDF - Sanyo Semicon Device

Part # SS0503EC
Download  SS0503EC Click to download

File Size   51.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low VF Schottky Barrier Diode 30V, 0.5A Rectifier

SS0503EC Datasheet (HTML) - Sanyo Semicon Device


SS0503EC Product details

30V, 0.5A Rectifier

Features
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Ultraminiature (1008 size) and thin (0.6mm) leadless package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS0503EC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 500mA Rectifier
More results


Similar Description - SS0503EC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Cystech Electonics Corp...
RB0520LSH CYSTEKEC-RB0520LSH Datasheet
240Kb / 6P
0.5A Low VF Schottky Barrier Rectifier
logo
Central Semiconductor C...
PB-CFSH05_1509 CENTRAL-PB-CFSH05_1509 Datasheet
1Mb / 2P
20V, 0.5A Low VF Schottky Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com