Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0503EJ Datasheet (PDF) - Sanyo Semicon Device

SS0503EJ Datasheet PDF - Sanyo Semicon Device
Part # SS0503EJ
Download  SS0503EJ Download
File Size   35.1 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 500mA Rectifier

SS0503EJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0503EJ Datasheet PDF - Sanyo Semicon Device

Part # SS0503EJ
Download  SS0503EJ Click to download

File Size   35.1 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 500mA Rectifier

SS0503EJ Datasheet (HTML) - Sanyo Semicon Device


SS0503EJ Product details

30V, 500mA Rectifier

Features
• Low switching noise.
• Low forward voltage (IF=300mA, VF max=0.4V) (IF=500mA, VF max=0.45V).
• Ultraminiature (1608 size) and thin (0.6mm) leadless package.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS0503EJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
More results


Similar Description - SS0503EJ

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB0ASB03A1BR TOREX-XB0ASB03A1BR Datasheet
145Kb / 2P
SCHOTTKY BARRIER DIODE 500MA 30V TYPE
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
logo
Torex Semiconductor
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15 Datasheet
69Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR_001 TOREX-XB0ASB03A1BR_001 Datasheet
115Kb / 4P
Schottky Barrier Diode 500mA 30V Type
XBS053V13 TOREX-XBS053V13_12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15_12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15-12 TOREX-XBS053V15-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053P11R-G TOREX-XBS053P11R-G Datasheet
241Kb / 5P
Schottky Barrier Diode, 500mA, 30V Type
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com