Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS053V15 Datasheet (PDF) - Torex Semiconductor

XBS053V15 Datasheet PDF - Torex Semiconductor
Part # XBS053V15
Download  XBS053V15 Download
File Size   69.85 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 500mA, 30V Type

XBS053V15 Datasheet (PDF)

Go To PDF Page Download Datasheet
XBS053V15 Datasheet PDF - Torex Semiconductor

Part # XBS053V15
Download  XBS053V15 Click to download

File Size   69.85 Kbytes
Page   3 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Schottky Barrier Diode, 500mA, 30V Type

XBS053V15 Datasheet (HTML) - Torex Semiconductor


XBS053V15 Product details

■ FEATURES
   Forward Voltage : VF=0.40V (TYP.)
   Forward Current : IF(AV)=500mA
   Repetitive Peak Reverse Voltage : VRM=30V

■ APPLICATIONS
● Rectification
● Protection against reverse connection of battery




Similar Part No. - XBS053V15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS053V15-12 TOREX-XBS053V15-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15R TOREX-XBS053V15R Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15R-G TOREX-XBS053V15R-G Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15_12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15_15 Datasheet
92Kb / 3P
Schottky Barrier Diode
More results


Similar Description - XBS053V15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB0ASB03A1BR TOREX-XB0ASB03A1BR Datasheet
145Kb / 2P
SCHOTTKY BARRIER DIODE 500MA 30V TYPE
logo
Sanyo Semicon Device
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 500mA Rectifier
logo
Torex Semiconductor
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR_001 TOREX-XB0ASB03A1BR_001 Datasheet
115Kb / 4P
Schottky Barrier Diode 500mA 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
Schottky Barrier Diode, 2A, 30V Type
XBS053V13 TOREX-XBS053V13_12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15_12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053V15-12 TOREX-XBS053V15-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XBS053P11R-G TOREX-XBS053P11R-G Datasheet
241Kb / 5P
Schottky Barrier Diode, 500mA, 30V Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com