Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1003M Datasheet (PDF) - Sanyo Semicon Device

SS1003M Datasheet PDF - Sanyo Semicon Device
Part # SS1003M
Download  SS1003M Download
File Size   32.91 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 1A Rectifier

SS1003M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS1003M Datasheet PDF - Sanyo Semicon Device

Part # SS1003M
Download  SS1003M Click to download

File Size   32.91 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 30V, 1A Rectifier

SS1003M Datasheet (HTML) - Sanyo Semicon Device


SS1003M Product details

Features
• Small Switching noise.
• Low forward voltage(IF=500mA, VF max=0.39V) (IF=1A, VF max=0.45V).
• Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SS1003M

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS1003100ML ABC-SS1003100ML Datasheet
144Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS1003101ML ABC-SS1003101ML Datasheet
144Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS1003120ML ABC-SS1003120ML Datasheet
144Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS1003121ML ABC-SS1003121ML Datasheet
144Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS1003150ML ABC-SS1003150ML Datasheet
144Kb / 8P
SHIELDED SMD POWER INDUCTOR
More results


Similar Description - SS1003M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 200mA Rectifier
SB1003M SANYO-SB1003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
logo
KODENSHI_AUK CORP.
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com