Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO100 Datasheet (PDF) - Rakon Limited

LNO100 Datasheet PDF - Rakon Limited
Part # LNO100
Download  LNO100 Download
File Size   576.31 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY OCXO | ULTRA LOW NOISE SOLUTIONS

LNO100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO100 Datasheet PDF - Rakon Limited

Part # LNO100
Download  LNO100 Click to download

File Size   576.31 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description HIGH RELIABILITY OCXO | ULTRA LOW NOISE SOLUTIONS

LNO100 Datasheet (HTML) - Rakon Limited


LNO100 Product details

Features
 Frequency: 80 to 125 MHz
 Guaranteed low phase noise @100 MHz: 1 kHz offset: -165 dBc/Hz 100 kHz offset: -178 dBc/Hz
 Low g-sensitivity 0.5 ppb/g
 Supply voltage: 12 V (15 V on request)
 Frequency stability vs temperature: ±0.2 ppm
 Ageing: ±1.8 ppm/10 years

Applications
 Reference for phase noise measurements
 Test equipment
 Synthesisers
 Radar
 Military communications




Similar Part No. - LNO100

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO1000 TEMEX-LNO1000 Datasheet
469Kb / 3P
Low Noise Oscillator
logo
Rakon Limited
LNO10000B3 RAKON-LNO10000B3 Datasheet
1,005Kb / 5P
Low Noise Oscillator series OCSO @ 10 GHz
September 2020
logo
TEMEX
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
LNO1000B2 TEMEX-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO100

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM50 AXTAL-AXIOM50 Datasheet
92Kb / 2P
VHF OCXO - Ultra low noise
2008-01-25
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
QUARTZCOM the communica...
OCO-M50BH QUARTZCOM-OCO-M50BH Datasheet
105Kb / 1P
Ultra Low Noise OCXO HCMOS High frequency stability vs. temperature
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
TEMEX
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
logo
TAITIEN ELECTRONICS CO....
NA-100M-6900 TAITIEN-NA-100M-6900 Datasheet
558Kb / 4P
100MHz Ultra Low Noise/Low G-Sensitivity OCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com