Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO10000B3 Datasheet (PDF) - Rakon Limited

LNO10000B3 Datasheet PDF - Rakon Limited
Part # LNO10000B3
Download  LNO10000B3 Download
File Size   1005.1 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 10 GHz

LNO10000B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO10000B3 Datasheet PDF - Rakon Limited

Part # LNO10000B3
Download  LNO10000B3 Click to download

File Size   1005.1 Kbytes
Page   5 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 10 GHz

LNO10000B3 Datasheet (HTML) - Rakon Limited


LNO10000B3 Product details

Product Description
LNO 10000 B3 is a low noise oscillator generating an output signal at 10 GHz, phase-lockable on an external 10 MHz reference.
It is composed by an OCSO (Oven Controlled SAW Oscillator) at 500 MHz fundamental frequency, followed by a frequency multiplier x20. Three operating modes are available, through Control Input signal:
 Free running Control Input = Not connected
 Voltage controlled Control Input = DC Voltage
 Phase Lock Loop Control Input = 10 MHz Ref
LNO 10000 B3 is designed for routine environment (test equipment, shelter, ground based military equipment ...). It is available in a 120.7mm x 76.2mm x 23.3mm package.

Features
Excellent phase noise performance (typical values) :
 -115 dBc/Hz @ 1 kHz offset
 -140 dBc/Hz @ 10 kHz offset
 -151 dBc/Hz noise floor

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Clock for high speed ADC




Similar Part No. - LNO10000B3

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO1000 TEMEX-LNO1000 Datasheet
469Kb / 3P
Low Noise Oscillator
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
LNO1000B2 TEMEX-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator
logo
Rakon Limited
LNO1000B2 RAKON-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator series OCSO @ 1 GHz
April 2016
LNO1000D1 RAKON-LNO1000D1 Datasheet
862Kb / 5P
Low Noise Oscillator series OCSO @ 1GHz
June 2016
More results


Similar Description - LNO10000B3

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com