Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO1000B2 Datasheet (PDF) - Rakon Limited

LNO1000B2 Datasheet PDF - Rakon Limited
Part # LNO1000B2
Download  LNO1000B2 Download
File Size   537.28 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1 GHz

LNO1000B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNO1000B2 Datasheet PDF - Rakon Limited

Part # LNO1000B2
Download  LNO1000B2 Click to download

File Size   537.28 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description Low Noise Oscillator series OCSO @ 1 GHz

LNO1000B2 Datasheet (HTML) - Rakon Limited


LNO1000B2 Product details

Product Description
LNO 1000 B2 is a low noise and low power OCVCSO (Oven Controlled, Voltage controlled, SAW Oscillator) at 1GHz.
It is designed for lab environment (test equipment, shelter, ground based military equipment, etc.).
The 1GHz signal is generated from a 500MHz fundamental frequency multiplied by 2.
LNO 1000 B2 is available in a 47.5 x 59.5 x 12.7 mm (typical values, excluding connectors) machined low profile package, including connectors and mounting pads.

Features
 Excellent phase noise performance (typical values) :
o - 135 dBc/Hz @ 1 kHz offset
o - 159 dBc/Hz @ 10 kHz offset
o - 172 dBc/Hz noise floor

Applications
 Instrumentation (test equipment, simulator)
 Ground based military equipment as per MIL-PRF-28800F, Class 3
 Clock for high speed ADC




Similar Part No. - LNO1000B2

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO1000B2 TEMEX-LNO1000B2 Datasheet
537Kb / 4P
Low Noise Oscillator
More results


Similar Description - LNO1000B2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
.1 - 3.5 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
Analog Devices
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
543Kb / 28P
Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
Low Noise, 1 GHz FastFET Op Amps
Rev. C
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
logo
Skyworks Solutions Inc.
ABA3100 SKYWORKS-ABA3100 Datasheet
522Kb / 12P
1 GHz Balanced Low Noise Linear Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com