Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CON120AC12VDC Datasheet (PDF) - Aims Power

CON120AC12VDC Datasheet PDF - Aims Power
Part # CON120AC12VDC
Download  CON120AC12VDC Download
File Size   1279.59 Kbytes
Page   11 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description AC CONVERTER / BATTERY CHARGER

CON120AC12VDC Datasheet (PDF)

Go To PDF Page Download Datasheet
CON120AC12VDC Datasheet PDF - Aims Power

Part # CON120AC12VDC
Download  CON120AC12VDC Click to download

File Size   1279.59 Kbytes
Page   11 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description AC CONVERTER / BATTERY CHARGER

CON120AC12VDC Datasheet (HTML) - Aims Power


CON120AC12VDC Product details

1. General Description
The AIMS Power AC Converter / Battery Charger 12V/24V 15 ideal for applications that require diverse ways of recharging batteries. There are many ways to recharge batteries and the wide AC input range of this unit accommodates most applications and battery technologies. Useful with generators and shore power, this converter charges various types 이 batteries such as, open lead acid, AGM, Gel and LiFePO4. The reliable high frequency structure, accepts wide range input voltages of 70Vac to 145Vac to
accommodate unstable inputs. The unit also includes a selectable 12Vdc or 24Vdc output. The AIMS Power AC Converter / Battery Charger provides the flexibility for almost any application and the large charging capacity of 75 amps gets the job done quickly.

1.1 Features
Three 51396 variable charging voltage algorithm for maximizing 116 battery lifetime. Bulk, absorb and float
Large charging capacity design (75 Amp for 12Vdc; 37.5 Amp for 24Vdc) 1655 charging
time needed
Adjustable charge current control setting 15 based on connected battery’s capacity to safely charge batteries and avoid over charging.
Wide input voltage range, 70Vac to 145Vac for unstable input
High AC to DC converting efficiency design (higher than 80%)
Smart fan control for maximizing the performance and fan life
Includes battery temperature sensor port to help maintain the life of the battery(s)




Similar Part No. - CON120AC12VDC

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
CON120A1SN12W ATC-CON120A1SN12W Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN12X ATC-CON120A1SN12X Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN18W ATC-CON120A1SN18W Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN18X ATC-CON120A1SN18X Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
CON120A1SN25W ATC-CON120A1SN25W Datasheet
5Mb / 2P
NON-REVERSING CONTACTORS
More results


Similar Description - CON120AC12VDC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
Combination Battery Charger and DC/DC Converter
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
Programmable, USB/AC, Switch-Mode Battery Charger
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
Combination Battery Charger and DC/DC Converter
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com