Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB135 Datasheet (PDF) - Summit Microelectronics, Inc.

SMB135 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB135
Download  SMB135 Download
File Size   174.65 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable, USB/AC, Switch-Mode Battery Charger

SMB135 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB135 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB135
Download  SMB135 Click to download

File Size   174.65 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable, USB/AC, Switch-Mode Battery Charger

SMB135 Datasheet (HTML) - Summit Microelectronics, Inc.


SMB135 Product details

INTRODUCTION
The SMB135 is a programmable single-cell lithium-ion/lithium-polymer battery charger for a variety of portable applications. The device provides a simple and efficient way to charge high-capacity Li-Ion batteries via a USB port or an AC adapter. Unlike conventional devices, the SMB135’s high-efficiency operation eliminates large internal temperature rise and localized hot spot in handheld equipment. Summit’s proprietary TurboChargeTM mode allows a 750mA charge current from a 500mA USB port, resulting to significantly reduced charge times.
Charge control includes qualification, trickle-charge, pre-charge, constant current/constant voltage, and termination/safety settings that are fully programmable via a serial I2C/SMBus making the device truly a flexible solution. Fast charge current level (one or five unit loads) can be set via I2C or an input pin (USB500/100). An Enable (EN) pin is also provided for suspending USB charging and allowing the device to work in parallel with AC charger, which may already be integrated into a PMIC device. In this case, the SMB135 does not allow current to flow back to the USB port.
The SMB135 offers a wide variety of features that protect the battery pack as well as the charger and input circuitry: over-current, under/over-voltage and thermal protection. Ultra-precise, 1% accurate, Kelvin-sensed ADOC™ technology allows accurate control of battery float voltage and improves battery capacity utilization. Status can be monitored via the serial port for charge state and fault conditions. In addition, one LED driver output can be used to signal charge status or an under-/over-voltage condition. As a protection mechanism, when the junction temperature approaches approximately 110°C, the PWM switcher will start to cut back on the duty cycle, to reduce current.
The SMB135 is available in a space-saving 1.3mm x 2.1mm uCSP™ package with lead-free balls as well as in a lead-free 5x5 QFN-32 package, and is rated over the -30°C to +85°C temperature range.

FEATURES & APPLICATIONS
• Programmable USB/AC Li-Ion battery charger
• TurboChargeTM Mode: 750mA output from 500mA US
• High-efficiency current-mode PWM controller
   o 750kHz to 1.25MHz switching frequency
   o 0% to 100% duty-cycle
• 4.35 to 6.5V input voltage range
• Small 1.3 x 2.1 uCSPTM-15 package (0.4mm pitch)
• High-accuracy output voltage regulation: 1%
• Low reverse leakage current
• Digital programming of all major parameters via I2C interface (with several addresses) and non-volatile memory
   o Battery voltage set point
   o Pre-charge, fast charge, termination current
   o Fast charge voltage threshold
   o Temperature limits
   o Automatic restart threshold
• Status/Fault indicator
• Stability with ceramic capacitors
• Wide range of protection features
   o Thermal monitor
   o Safety timers
   o Current limit
   o Input/output over-voltage lockout
  
Applications
• GSM Handsets
• UMTS Handsets
• Portable Media & Gaming Players
• Digital camcorders/still cameras
• Handheld GPS/PDAs




Similar Part No. - SMB135

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
More results


Similar Description - SMB135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
Switch-Mode Battery Charger Delivers 5A
logo
Summit Microelectronics...
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
3MHz Synchronous Switch-Mode Battery Charger
logo
ETA SOLUTIONS CO. LIMIT...
ETA6085 ETA-ETA6085 Datasheet
158Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger with 2.5A USB OTG
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com