Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX745 Datasheet (PDF) - Maxim Integrated Products

MAX745 Datasheet PDF - Maxim Integrated Products
Part # MAX745
Download  MAX745 Download
File Size   91.0 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switch-Mode Lithium-Ion Battery-Charger

MAX745 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX745 Datasheet PDF - Maxim Integrated Products

Part # MAX745
Download  MAX745 Click to download

File Size   91.0 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switch-Mode Lithium-Ion Battery-Charger

MAX745 Datasheet (HTML) - Maxim Integrated Products


MAX745 Product details

General Description
The MAX745 provides all functions necessary for charging lithium-ion battery packs. It provides a regulated charging current of up to 4A without getting hot, and a regulated voltage with only ±0.75% total error at the battery terminals. It uses low-cost, 1% resistors to set the output voltage, and a low-cost N-channel MOSFET as the power switch.

Features
♦ Charges 1 to 4 Lithium-Ion Battery Cells
♦ ±0.75% Voltage-Regulation Accuracy Using 1% Resistors
♦ Provides up to 4A without Excessive Heating
♦ 90% Efficient
♦ Uses Low-Cost Set Resistors and N-Channel Switch
♦ Up to 24V Input
♦ Up to 18V Maximum Battery Voltage
♦ 300kHz PWM Operation: Low-Noise, Small Components
♦ Stand-Alone Operation; No Microcontroller Needed

Applications
   Lithium-Ion Battery Packs
   Desktop Cradle Chargers
   Cellular Phones
   Notebook Computers
   Hand-Held Instruments




Similar Part No. - MAX745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
600Kb / 4P
Charges One to Four Li-Ion Cells
Rev 3; 9/03
MAX7450 MAXIM-MAX7450 Datasheet
254Kb / 9P
Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
MAX7450ESA MAXIM-MAX7450ESA Datasheet
254Kb / 9P
Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
MAX7451 MAXIM-MAX7451 Datasheet
254Kb / 9P
Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
MAX7451ESA MAXIM-MAX7451ESA Datasheet
254Kb / 9P
Video-Signal Conditioners with AGC and Back-Porch Clamp
Rev 2; 11/04
More results


Similar Description - MAX745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
Switch Mode Lithium-Ion Battery Charger Controller
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com