Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX713 Datasheet (PDF) - Dallas Semiconductor

MAX713 Datasheet PDF - Dallas Semiconductor
Part # MAX713
Download  MAX713 Download
File Size   22.32 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Switch-Mode Battery Charger Delivers 5A

MAX713 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX713 Datasheet PDF - Dallas Semiconductor

Part # MAX713
Download  MAX713 Click to download

File Size   22.32 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Switch-Mode Battery Charger Delivers 5A

MAX713 Datasheet (HTML) - Dallas Semiconductor


MAX713 Product details

Switch-Mode Battery Charger Delivers 5A

The fast-charge controller IC3 (Figure 1) normally directs current to the battery via an external pnp transistor. In this circuit, the transistor is replaced with a 5A switching regulator (IC1) that delivers equivalent power with higher efficiency.

IC1 is a 5A buck switching regulator whose output is configured as a current source. Its internal power switch (an npn transistor) is relatively efficient because VCE(SAT) is small in comparison with the 15V-to-40V inputs. (For applications that require 2A or less, the low-saturation, non-Darlington power switch of a MAX726 offers better efficiency.)




Similar Part No. - MAX713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX713 MAXIM-MAX713 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX713 MAXIM-MAX713 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71335L MAXIM-MAX71335L Datasheet
105Kb / 3P
ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
More results


Similar Description - MAX713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
Programmable, USB/AC, Switch-Mode Battery Charger
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Texas Instruments
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
Battery Switch Charger
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
Battery Switch Charger
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
3MHz Synchronous Switch-Mode Battery Charger
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com