Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB137B Datasheet (PDF) - Summit Microelectronics, Inc.

SMB137B Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB137B
Download  SMB137B Download
File Size   152.86 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager

SMB137B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB137B Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB137B
Download  SMB137B Click to download

File Size   152.86 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager

SMB137B Datasheet (HTML) - Summit Microelectronics, Inc.


SMB137B Product details

INTRODUCTION

The SMB137B is a programmable single-cell lithium-ion/lithium polymer battery charger designed for a variety of portable applications. The device provides a simple and efficient way to charge high-capacity Li-Ion batteries via a USB or AC adapter input. Unlike conventional charging devices, the SMB137B’s high-efficiency switch-mode operation eliminates the low charge current and thermal problems of conventional linear solutions. In addition, the switching architecture in conjunction with programmability enables dramatically faster charging– TurboCharge™ mode - from current limited in puts such as USB.



FEATURES & APPLICATIONS

• Automatic Input Current Limit for universal USB/AC/DC adapter compatibility*

• Optional automatic power source detection per latest USB charging specification 1.0

• USB or AC input with automatic input selection and programmable input current limiting (USB2.0 compliant)

• Up to 750mA charging output from 500mA USB port or 1500mA from AC adapter using proprietary “TurboChargeTM Mode”

• Input/output CurrentPath™ control allows system operation with deeply discharged/missing battery – no start-up delay

• “Low Battery Recovery” mode for >500mA startup from 100mA USB port with deeply discharged cells – no start-up delay

• USB On-the-Go (OTG) power support (up to 500mA @ +5V)

• Reverse current blocking prevents battery discharge

• High-efficiency step-down regulator with 3MHz switching

• +4.35 to +6.0V input voltage range

• +18V input tolerance (non-operating)

• High-accuracy float voltage regulation: 1.0%

• Digital programming of all major parameters via I2C interface

o Pre-charge voltage, float voltage

o Input/pre-charge/fast charge/term. current

o Battery temperature limits, safety timers

• Comprehensive protection features

o Status/fault indicator

o Battery/IC thermal protection

o Short circuit/UV/OV protection

o Charge termination safety timers

o Software watchdog timers

• Tiny CSP-30 package




Similar Part No. - SMB137B

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
More results


Similar Description - SMB137B

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
SMB137C SUMMIT-SMB137C Datasheet
45Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4155 LINER-LTC4155_15 Datasheet
396Kb / 52P
Dual-Input Power Manager/ 3.5A Li-Ion Battery Charger with I2C Control and USB OTG
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com