Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB137C Datasheet (PDF) - Summit Microelectronics, Inc.

SMB137C Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB137C
Download  SMB137C Download
File Size   45.92 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support

SMB137C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB137C Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB137C
Download  SMB137C Click to download

File Size   45.92 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath Manager,TurboChargeTM Mode, Low Battery Recovery, AICLand USB OTG/HDMI/MHL Support

SMB137C Datasheet (HTML) - Summit Microelectronics, Inc.


SMB137C Product details

INTRODUCTION

The SMB137C is a programmable single-cell lithiumion/lithium-polymer battery charger designed for a variety of portable applications. Unlike conventional charging devices, the SMB137C’s high-efficiency switch-mode operation eliminates the low charge current and thermal problems of conventional linear solutions. In addition, the switching architecture in conjunction with programmability enables dramatically faster charging – TurboCharge™ mode - from current limited inputs such as USB.



FEATURES

• Automatic Input Current Limit for universal USB/AC/DC adapter compatibility*

• Optional automatic power source detection per latest USB charging specification 1.2

• USB or AC input with automatic input selection and programmable input current limiting (USB2.0 compliant)

• Up to 750mA charging output from 500mA USB port or 1500mA from AC adapter using proprietary “TurboChargeTM Mode”

• Input/output CurrentPath™ control allows system operation with deeply discharged/missing battery – no start-up delay

• “Low Battery Recovery” mode for >500mA startup from 100mA USB port with deeply discharged cells – no start-up delay*

• USB OTG, HDMI, MHL power support (up to 500mA @ +5V)

• Hardware programmable support for JEITA

• High-efficiency step-down regulator with 3MHz switching

• +4.35 to +6.0V input voltage range

• +18V input tolerance (non-operating)

• High-accuracy float voltage regulation: 1.0%

• Digital programming of major parameters via I2C interface*

• Comprehensive protection features

• Tiny CSP-30 package



APPLICATIONS

• Smartphones

• Tablet PCs

• Portable Media Players

• Perfect Companion for MSM Chipsets



 




Similar Part No. - SMB137C

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
More results


Similar Description - SMB137C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
Programmable, USB/AC, Switch-Mode Battery Charger
SMB136 SUMMIT-SMB136 Datasheet
149Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB137B SUMMIT-SMB137B Datasheet
152Kb / 1P
Programmable Switching Li Battery Charger with USB/AC Input, CurrentPath??Manager
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Linear Technology
LTC4155 LINER-LTC4155_15 Datasheet
396Kb / 52P
Dual-Input Power Manager/ 3.5A Li-Ion Battery Charger with I2C Control and USB OTG
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Linear Technology
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com