Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICOGL8KW Datasheet (PDF) - Aims Power

PICOGL8KW Datasheet PDF - Aims Power
Part # PICOGL8KW
Download  PICOGL8KW Download
File Size   2521.48 Kbytes
Page   30 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Global LF Series Pure Sine Wave Inverter Charger

PICOGL8KW Datasheet (PDF)

Go To PDF Page Download Datasheet
PICOGL8KW Datasheet PDF - Aims Power

Part # PICOGL8KW
Download  PICOGL8KW Click to download

File Size   2521.48 Kbytes
Page   30 Pages
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power
Description Global LF Series Pure Sine Wave Inverter Charger

PICOGL8KW Datasheet (HTML) - Aims Power


PICOGL8KW Product details

Application
Power tools–circular saws, drills, grinders, sanders, buffers, weed and hedge trimmers, air compressors.
Office equipment – computers, printers, monitors, facsimile machines, scanners.
Household items – vacuum cleaners, fans, fluorescent and incandescent lights, shavers, sewing machines. Kitchen appliances – coffee makers, blenders, ice markers, toasters.
Industrial equipment – metal halide lamp, high – pressure sodium lamp.
Home entertainment electronics – TV, DVRs, video games, stereos, musical instruments, and satellite.

Features
High overload ability up to 300% of rated power (20 sec)
Low quiescent current, low power “Power Saving Mode” to conserve energy
Automatic Generator Start
Battery Temperature Sensing for increased charging precision
4-step intelligent battery charger, PFC (Power Factor Correction) for charger
8 pre-set battery type selector switches plus de-sulphation for totally flat batteries
Powerful charge rate of up to 80-120 Amp, selectable from 0%-100%
10 ms typical transfer time between battery and AC, guarantees power continuity
Smart remote control (optional)
15s delay before transfer when AC resumes, extra protection for loads when used with generator
Allows start up and through power with depleted batteries
Multiple controlled cooling fans
Extensive protections against various harsh environments
13VDC battery recovery point, dedicated for renewable energy systems




Similar Part No. - PICOGL8KW

ManufacturerPart #DatasheetDescription
logo
Aims Power
PICOGLF10KW48V240VS AIMSPOWER-PICOGLF10KW48V240VS Datasheet
2Mb / 30P
Global LF Series Pure Sine Wave Inverter Charger
Version 2.0
PICOGLF10W AIMSPOWER-PICOGLF10W Datasheet
4Mb / 40P
Global LF Series Pure Sine Wave Inverter Charger Users Manual
Version 9.0
PICOGLF10W12V120V AIMSPOWER-PICOGLF10W12V120V Datasheet
4Mb / 37P
Global LF Series Pure Sine Wave Inverter
05/21
PICOGLF10W12V120VR AIMSPOWER-PICOGLF10W12V120VR Datasheet
4Mb / 40P
Global LF Series Pure Sine Wave Inverter Charger Users Manual
Version 9.0
PICOGLF15W12V120V AIMSPOWER-PICOGLF15W12V120V Datasheet
4Mb / 37P
Global LF Series Pure Sine Wave Inverter
05/21
More results


Similar Description - PICOGL8KW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
Aims Power
PICOGLF10W AIMSPOWER-PICOGLF10W Datasheet
4Mb / 40P
Global LF Series Pure Sine Wave Inverter Charger Users Manual
Version 9.0
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com