Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1017 Datasheet (PDF) - Microchip Technology

TC1017 Datasheet PDF - Microchip Technology
Part # TC1017_V01
Download  TC1017 Download
File Size   622.64 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150 mA, Tiny CMOS LDO With Shutdown

TC1017 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1017 Datasheet PDF - Microchip Technology

Part # TC1017_V01
Download  TC1017 Click to download

File Size   622.64 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150 mA, Tiny CMOS LDO With Shutdown

TC1017 Datasheet (HTML) - Microchip Technology


TC1017 Product details

Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Space-saving 5-Pin SC-70 and SOT-23 Packages
• Extremely Low Operating Current for Longer
Battery Life: 53 μA (typ.)
• Very Low Dropout Voltage
• Rated 150 mA Output Current
• Requires Only 1 μF Ceramic Output Capacitance
• High Output Voltage Accuracy: 0.5% (typical)
• 10 μs (typ.) Wake-Up Time from SHDN
• Power-Saving Shutdown Mode: 0.05 μA (typ.)
• Overcurrent and Overtemperature Protection
• Pin-Compatible Upgrade for Bipolar Regulators
Applications
• Cellular/GSM/PHS Phones
• Battery-Operated Systems
• Portable Computers
• Medical Instruments
• Electronic Games
• Pagers




Similar Part No. - TC1017_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1017-1.85VCT MICROCHIP-TC1017-1.85VCT Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017-1.8VCT MICROCHIP-TC1017-1.8VCT Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017-1.8VCT MICROCHIP-TC1017-1.8VCT Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017-1.8VLT MICROCHIP-TC1017-1.8VLT Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017-2.6VCT MICROCHIP-TC1017-2.6VCT Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
More results


Similar Description - TC1017_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
2005
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
2009
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
03/01/05
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
03/26/09
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
150 mA, 28V LDO Regulator With Shutdown
08/20/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com