Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2102 Datasheet (PDF) - Silicon Laboratories

CP2102 Datasheet PDF - Silicon Laboratories
Part # CP2102
Download  CP2102 Download
File Size   408.91 Kbytes
Page   18 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description SINGLE-CHIP USB TO UART BRIDGE

CP2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2102 Datasheet PDF - Silicon Laboratories

Part # CP2102
Download  CP2102 Click to download

File Size   408.91 Kbytes
Page   18 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description SINGLE-CHIP USB TO UART BRIDGE

CP2102 Datasheet (HTML) - Silicon Laboratories


CP2102 Product details

System Overview
The CP2102/9 is a highly-integrated USB-to-UART Bridge Controller providing a simple solution for updating RS- 232 designs to USB using a minimum of components and PCB space. The CP2102/9 includes a USB 2.0 full speed function controller, USB transceiver, oscillator, EEPROM or EPROM, and asynchronous serial data bus (UART) with full modem control signals in a compact 5 x 5 mm QFN-28 package. No other external USB components are required.
The on-chip programmable ROM may be used to customize the USB Vendor ID, Product ID, Product Description String, Power Descriptor, Device Release Number, and Device Serial Number as desired for OEM applications. The programmable ROM is programmed on-board via the USB, allowing the programming step to be easily integrated into the product manufacturing and testing process.

Single-Chip USB to UART Data Transfer
   - Integrated USB transceiver; no external resistors
      required
   - Integrated clock; no external crystal required
   - Internal 1024-byte programmable ROM for vendor ID,
      product ID, serial number, power descriptor, release
      number, and product description strings
   - EEPROM (CP2102)
   - EPROM (One-time programmable) (CP2109)
   - On-chip power-on reset circuit
   - On-chip voltage regulator
   - 3.3 V output (CP2102)
   - 3.45 V output (CP2109)
   - 100% pin and software compatible with CP2101
  
USB Function Controller
   - USB Specification 2.0 compliant; full-speed (12 Mbps)
   - USB suspend states supported via SUSPEND pins
  
Asynchronous Serial Data BUS (UART)
   - All handshaking and modem interface signals
   - Data formats supported:
      - Data bits: 5, 6, 7, and 8
      - Stop bits: 1, 1.5, and 2
      - Parity: odd, even, mark, space, no parity
   - Baud rates: 300 bps to 1 Mbps
   - 576 Byte receive buffer; 640 byte transmit buffer
   - Hardware or X-On/X-Off handshaking supported
   - Event character support
   - Line break transmission

Virtual COM Port Device Drivers
   - Works with existing COM port PC Applications
   - Royalty-free distribution license
   - Windows 8/7/Vista/Server 2003/XP/2000
   - Mac OS-X/OS-9
   - Linux
  
USBXpress™ Direct Driver Support
   - Royalty-Free Distribution License
   - Windows 7/Vista/XP/Server 2003/2000
   - Windows CE
  
Example Applications
   - Upgrade of RS-232 legacy devices to USB
   - Cellular phone USB interface cable
   - USB interface cable
   - USB to RS-232 serial adapter
  
Supply Voltage
   - Self-powered: 3.0 to 3.6 V
   - USB bus powered: 4.0 to 5.25 V
  
Package
   - RoHS-compliant 28-pin QFN (5x5 mm)

Temperature Range: –40 to +85 °C




Similar Part No. - CP2102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
CP2102 SILABS-CP2102 Datasheet
322Kb / 30P
DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
CP2102 SILABS-CP2102 Datasheet
745Kb / 45P
DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
2Mb / 26P
SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results


Similar Description - CP2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
SINGLE-CHIP USB TO UART BRIDGE
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
USB-to-UART Bridge Controller
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
SINGLE-CHIP HID USB TO UART BRIDGE
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
UART to USB bridge
06-Feb-2014
logo
Silicon Laboratories
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com