Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2101 Datasheet (PDF) - List of Unclassifed Manufacturers

CP2101 Datasheet PDF - List of Unclassifed Manufacturers
Part # CP2101
Download  CP2101 Download
File Size   348.13 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip USB to UART Bridge

CP2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2101 Datasheet PDF - List of Unclassifed Manufacturers

Part # CP2101
Download  CP2101 Click to download

File Size   348.13 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip USB to UART Bridge

CP2101 Datasheet (HTML) - List of Unclassifed Manufacturers


CP2101 Product details

[CYGNAL Integrated Products, Inc.]

SYSTEM OVERVIEW
The CP2101 is a highly-integrated USB-to-UART Bridge Controller providing a simple solution for updating RS232 designs to USB using a minimum of components and PCB space. The CP2101 includes a USB 2.0 full-speed function controller, USB transceiver, oscillator, EEPROM and asynchronous serial data bus (UART) with full modem control signals in a compact 5mm X 5mm MLP-28 package. No other external USB components are required.
The on-chip EEPROM may be used to customize the USB Vendor ID, Product ID, Product Description String, Power Descriptor, Device Release Number and Device Serial Number as desired for OEM applications. The EEPROM is programmed on-board via the USB allowing the programming step to be easily integrated into the product manufacturing and testing process.

SINGLE-CHIP USB to UART DATA TRANSFER
- Integrated USB Transceiver; No External Resistors Required
- Integrated Clock; No External Crystal Required
- Integrated 512-Byte EEPROM for Vendor ID, Product ID,
   Serial Number, Power Descriptor, Release Number and
   Product Description Strings
- On-Chip Power-On Reset Circuit
- On-Chip Voltage Regulator: 3.3V Output

USB FUNCTION CONTROLLER
- USB Specification 2.0 Compliant; Full Speed (12 Mbps)
- USB suspend states supported via SUSPEND pins

ASYNCHRONOUS SERIAL DATA BUS (UART)
- All Handshaking and Modem Interface Signals
- Data Formats Supported:
   • Data Bits: 8
   • Stop Bits: 1, 2
   • Parity: Odd, Even, No Parity
- Baud Rates: 300bps to 921.6kbps
- 512 Byte Receive Buffer; 512 Byte Transmit Buffer
- Hardware or X-On / X-Off Handshaking Supported
- Event Character and Line Break Condition Support

VIRTUAL COM PORT DEVICE DRIVERS
- Works with Existing COM Port PC Applications
- Royalty-Free Distribution License
- Windows 98/Me/2000/XP
- MAC OS-9
- MAC OS-X
- Windows CE *
- Linux 2.40 and greater *
* (Contact factory for availability)

EXAMPLE APPLICATIONS
- Upgrade of RS-232 Legacy Devices to USB
- Cellular Phone USB Interface Cable
- PDA USB Interface Cable
- USB to RS-232 Serial Adapter

SUPPLY VOLTAGE
- Self-powered: 3.0V to 3.6V
- USB Bus Powered: 4.0V to 5.25V

PACKAGE
- 28-pin MLP (5mm X 5mm)

TEMPERATURE RANGE: -40°C TO +85°C




Similar Part No. - CP2101

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
CP2101 SILABS-CP2101 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
CP2101 SILABS-CP2101 Datasheet
322Kb / 30P
DEVICE CUSTOMIZATION GUIDE
CP2101 SILABS-CP2101 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
CP2101 SILABS-CP2101 Datasheet
745Kb / 45P
DEVICE CUSTOMIZATION GUIDE
More results


Similar Description - CP2101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
SINGLE-CHIP USB TO UART BRIDGE
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
USB-to-UART Bridge Controller
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
SINGLE-CHIP HID USB TO UART BRIDGE
CP2108 SILABS-CP2108 Datasheet
301Kb / 30P
SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
UART to USB bridge
06-Feb-2014
logo
Silicon Laboratories
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com