Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV11073LF Datasheet (PDF) - Skyworks Solutions Inc.

AV11073LF Datasheet PDF - Skyworks Solutions Inc.
Part # AV11073LF
Download  AV11073LF Download
File Size   81.87 Kbytes
Page   4 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz

AV11073LF Datasheet (PDF)

Go To PDF Page Download Datasheet
AV11073LF Datasheet PDF - Skyworks Solutions Inc.

Part # AV11073LF
Download  AV11073LF Click to download

File Size   81.87 Kbytes
Page   4 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz

AV11073LF Datasheet (HTML) - Skyworks Solutions Inc.


AV11073LF Product details

Description
The AV110-73 GaAs IC FET voltage variable attenuator provides 33 dB attenuation range at 1900 MHz controlled by a single positive voltage. The VVA has a linear transfer curve of 12 dB/V slope, with input and output VSWR better than 2:1 over all states. It operates with supply voltage of 3 V and control voltage of 0 V to 3 V in a low-cost SOT-6 package. The RF ports require 25 pF DC blocking capacitors.
   
Features
● Single positive 3 V control voltage
● 33 dB attenuation range @ 1.9 GHz
● Excellent linearity performance
● Negative transfer slope
● Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C per JEDEC J-STD-020
   
Applications
● General-purpose telecommunication systems
   




Similar Part No. - AV11073LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV11073 ALPHA-AV11073 Datasheet
36Kb / 2P
GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
More results


Similar Description - AV11073LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV106-12 ALPHA-AV106-12 Datasheet
32Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV107-59 ALPHA-AV107-59 Datasheet
36Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV109-73 ALPHA-AV109-73 Datasheet
36Kb / 2P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1.0 GHz
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
logo
Skyworks Solutions Inc.
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV109-73 SKYWORKS-AV109-73_07 Datasheet
117Kb / 3P
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com