Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3215 Datasheet (PDF) - Silicon Laboratories

SI3215 Datasheet PDF - Silicon Laboratories
Part # SI3215
Download  SI3215 Download
File Size   1471.57 Kbytes
Page   118 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION

SI3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3215 Datasheet PDF - Silicon Laboratories

Part # SI3215
Download  SI3215 Click to download

File Size   1471.57 Kbytes
Page   118 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION

SI3215 Datasheet (HTML) - Silicon Laboratories


SI3215 Product details

Description

The ProSLICis a low-voltage CMOS device that provides a complete analog telephone interface ideal for customer premise equipment (CPE) applications. The ProSLIC integrates subscriber line interface circuit (SLIC), codec, and battery generation functionality into a single CMOS integrated circuit.



Features

Performs all BORSCHT functions

Software-programmable internal balanced ringing up to 90 VPK (5 REN up to 4 kft, 3 REN up to 8 kft)

Integrated battery supply with dynamic voltage output

  On-chip dc-dc converter continuously minimizes power in all operating modes

  Entire solution can be powered from a single 3.3 V or 5 V supply

  3.3 to 35 V dc input range

  Dynamic 0 to –94.5 V output

  Low-cost inductor and high-efficiency transformer versions supported

Software-programmable linefeed parameters:

   Ringing frequency, amplitude, cadence, and waveshape

   2-wire ac impedance and hybrid

   Constant current feed (20 to 41 mA)

   Loop closure and ring trip thresholds and filtering




Similar Part No. - SI3215

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3215MPPQ1-EVB SILABS-SI3215MPPQ1-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215MPPQX-EVB SILABS-SI3215MPPQX-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215PPQ1-EVB SILABS-SI3215PPQ1-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
SI3215PPQX-EVB SILABS-SI3215PPQX-EVB Datasheet
922Kb / 41P
EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
More results


Similar Description - SI3215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com