Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3230 Datasheet (PDF) - Silicon Laboratories

SI3230 Datasheet PDF - Silicon Laboratories
Part # SI3230
Download  SI3230 Download
File Size   1281.98 Kbytes
Page   108 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION

SI3230 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3230 Datasheet PDF - Silicon Laboratories

Part # SI3230
Download  SI3230 Click to download

File Size   1281.98 Kbytes
Page   108 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION

SI3230 Datasheet (HTML) - Silicon Laboratories


SI3230 Product details

Description
The Si3230 ProSLIC® is a low-voltage CMOS device that provides a multi-functional subscriber line interface ideal for customer premise equipment (CPE) applications. The ProSLIC integrates subscriber line interface circuit (SLIC) and battery generation functionality into a single CMOS integrated circuit.

Features
■ Software Programmable SLIC with codec interface
■ Software programmable internal balanced ringing up to 90 VPK (5 REN up to 4 kft, 3 REN up to 8 kft)
■ Integrated battery supply with dynamic voltage output
    ● On-chip dc-dc converter continuously minimizes power in all operating modes
    ● Entire solution can be powered from a single 3.3 V or 5 V supply
    ● 3.3 V to 35 V dc input range
    ● Dynamic 0 V to –94.5 V output
■ Software programmable linefeed parameters:
    ● Ringing frequency, amplitude, cadence, and waveshape
    ● 2-wire ac impedance
    ● constant current feed (20 to 41 mA)
    ● Loop closure and ring trip thresholds and filtering
■ Software programmable signal generation and audio processing:
    ● DTMF generation and decoding
    ● 12 kHz/16 kHz pulse metering generation
    ● Phase-continuous FSK (caller ID) generation
    ● Dual audio tone generators
    ● Smooth and abrupt polarity reversal
■ Extensive test and diagnostic features
    ● Realtime dc linefeed measurement
    ● GR-909 line test capabilities
■ SPI control interface
■ Extensive programmable interrupts
■ 100% software configurable global solution
■ Lead-Free and RoHS-compliant package options available

Applications
■ Interface to Broadcom devices
    ● BCM11xx residential gateway
    ● BCM3341 VOIP processor
    ● BCM33xx cable modem
■ Voice over IP
■ Terminal adapters
■ Fixed cellular terminal




Similar Part No. - SI3230

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si3230-GT SILABS-Si3230-GT Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3230-KT SILABS-Si3230-KT Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3230-X-FM SILABS-Si3230-X-FM Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Si3230-X-GM SILABS-Si3230-X-GM Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results


Similar Description - SI3230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com