Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5310 Datasheet (PDF) - Silicon Laboratories

SI5310 Datasheet PDF - Silicon Laboratories
Part # SI5310
Download  SI5310 Download
File Size   516.64 Kbytes
Page   26 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PRECISION CLOCK MULTIPLIER/REGENERATOR IC

SI5310 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5310 Datasheet PDF - Silicon Laboratories

Part # SI5310
Download  SI5310 Click to download

File Size   516.64 Kbytes
Page   26 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PRECISION CLOCK MULTIPLIER/REGENERATOR IC

SI5310 Datasheet (HTML) - Silicon Laboratories


SI5310 Product details

Description
The Si5310 is a fully integrated low-power clock multiplier and clock regenerator IC. The clock multiplier generates an output clock that is an integer multiple of the input clock. The clock regenerator operates simultaneously, creating a “clean” version of the input clock by using the clock synthesis phase-locked loop (PLL) to remove unwanted jitter and square up the input clock’s rising and falling edges. The Si5310 uses Silicon Laboratories patented DSPLL® architecture to achieve superior jitter performance while eliminating the analog loop filter found in traditional PLL designs with a digital signal-processing algorithm.

Features
Complete precision clock multiplier and clock regenerator device:
■ Performs clock multiplication to one of two frequency ranges: 150–167 MHz or 600–668 MHz
■ Jitter generation as low as 0.5 psrms for 622 MHz output
■ Accepts input clock from 9.4–668 MHz
■ Regenerates a “clean”, jitterattenuated version of input clock
■ DSPLL™ technology provides superior jitter performance
■ Small footprint: 4 x 4 mm
■ Low power: 310 mW typical
■ ROHS-compliant Pb-free packaging option available

Applications
■ SONET/SDH systems
■ Terabit routers
■ Digital cross connects
■ Optical transceiver modules
■ Gigabit Ethernet systems
■ Fibre channel




Similar Part No. - SI5310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
Simple jumper configuration
SI53102-A1 SILABS-SI53102-A1 Datasheet
1Mb / 15P
PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 1:2 FAN-OUT CLOCK BUFFER
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GM SKYWORKS-SI53102-A1-GM Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
SI53102-A1-GMR SKYWORKS-SI53102-A1-GMR Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
More results


Similar Description - SI5310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com