Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5325 Datasheet (PDF) - Silicon Laboratories

SI5325 Datasheet PDF - Silicon Laboratories
Part # SI5325
Download  SI5325 Download
File Size   228.31 Kbytes
Page   14 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER

SI5325 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5325 Datasheet PDF - Silicon Laboratories

Part # SI5325
Download  SI5325 Click to download

File Size   228.31 Kbytes
Page   14 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER

SI5325 Datasheet (HTML) - Silicon Laboratories


SI5325 Product details

Description

The Si5325 is a low jitter, precision clock multiplier for applications requiring clock multiplication without jitter attenuation. The Si5325 accepts dual clock inputs ranging from 10 to 710 MHz and generates two clock outputs ranging from 10 to 945 MHz and select frequencies to 1.4 GHz. The

two outputs are divided down separately from a common source. The device provides virtually any frequency translation combination across this operating range.



Features

„ Generates any frequency from 10 to 945 MHz and select frequencies to 1.4 GHz from an input

frequency of 10 to 710 MHz

„ Low jitter clock outputs w/jitter generation as low as 0.6 ps rms (30 kHz–1.3 MHz)

„ Integrated loop filter with selectable loop bandwidth (150 kHz to 2 MHz)

„ Dual clock inputs w/manual or automatically controlled hitless switching

„ Dual clock outputs with selectable signal format(LVPECL, LVDS, CML, CMOS)

„ Support for ITU G.709 and custom FEC ratios (255/238, 255/237, 255/236)

„ LOS, FOS alarm outputs

„ Digitally-controlled output phase adjust

„ I2C or SPI programmable

„ On-chip voltage regulator for 1.8, 2.5, or 3.3 V ±10% operation

„ Small size: 6 x 6 mm 36-lead QFN

„ Pb-free, ROHS compliant



Applications

„ SONET/SDH OC-48/OC-192 line cards

„ GbE/10GbE, 1/2/4/8/10GFC line cards

„ ITU G.709 and custom FEC line cards

„ Optical modules

„ Wireless basestations

„ Data converter clocking

„ xDSL

„ SONET/SDH + PDH clock synthesis

„ Test and measurement



 




Similar Part No. - SI5325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5325 SILABS-Si5325 Datasheet
341Kb / 50P
Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5325/26-EVB SILABS-Si5325/26-EVB Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5325/26-EVB SKYWORKS-SI5325/26-EVB Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Similar Description - SI5325

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com