Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5316 Datasheet (PDF) - Silicon Laboratories

SI5316 Datasheet PDF - Silicon Laboratories
Part # SI5316
Download  SI5316 Download
File Size   583.58 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR

SI5316 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5316 Datasheet PDF - Silicon Laboratories

Part # SI5316
Download  SI5316 Click to download

File Size   583.58 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR

SI5316 Datasheet (HTML) - Silicon Laboratories


SI5316 Product details

Description
The Si5316 is a low jitter, precision jitter attenuator for high-speed communication systems, including OC-48, OC-192, 10G Ethernet, and 10G Fibre Channel. The Si5316 accepts dual clock inputs in the 19, 38, 77, 155, 311, or 622 MHz frequency range and generates a jitter-attenuated clock output at the same frequency.

Features
■ Fixed frequency jitter attenuator with selectable clock ranges at 19, 38, 77, 155, 311, and 622 MHz (710 MHz max)
■ Support for SONET, 10GbE, 10GFC, and corresponding FEC rates
■ Ultra-low jitter clock output with jitter generation as low as 0.3 psRMS (50 kHz–80 MHz)
■ Integrated loop filter with selectable loop bandwidth (100 Hz to 7.9 kHz)
■ Meets OC-192 GR-253-CORE jitter specifications
■ Dual clock inputs with integrated clock select mux
■ One clock input can be 1x, 4x, or 32x the frequency of the second clock input
■ Single clock output with selectable signal format: LVPECL, LVDS, CML, CMOS
■ LOL, LOS alarm outputs
■ Pin programmable settings
■ On-chip voltage regulator for 1.8, 2.5, or 3.3 V ±10% operation
■ Small size (6 x 6 mm 36-lead QFN)
■ Pb-free, RoHS compliant

Applications
■ Optical modules
■ SONET/SDH OC-48/OC-192 line cards
■ 10GbE, 10GFC line cards
■ ITU G.709 line cards
■ Wireless basestations
■ Test and measurement




Similar Part No. - SI5316

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5316 SILABS-Si5316 Datasheet
341Kb / 50P
Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5316-EVB SILABS-SI5316-EVB Datasheet
1Mb / 26P
The Si531x/2x Any-Frequency Precision Clocks
More results


Similar Description - SI5316

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com