Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWQSLPS1.EM Datasheet (PDF) - OSRAM GmbH

GWQSLPS1.EM Datasheet PDF - OSRAM GmbH
Part # GWQSLPS1.EM
Download  GWQSLPS1.EM Download
File Size   2004.8 Kbytes
Page   26 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This 6V OSCONIQ E 3030 LED

GWQSLPS1.EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWQSLPS1.EM Datasheet PDF - OSRAM GmbH

Part # GWQSLPS1.EM
Download  GWQSLPS1.EM Click to download

File Size   2004.8 Kbytes
Page   26 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description This 6V OSCONIQ E 3030 LED

GWQSLPS1.EM Datasheet (HTML) - OSRAM GmbH


GWQSLPS1.EM Product details

Features
- Package: white SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 6500K
- CRI: 80 (min.), R9: 0 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Color temperature: 2700 K - 6500 K
- Luminous Flux: typ. 154 lm @ 4000 K
- Luminous Efficacy: typ. 166 lm/W @ 4000 K
- Application: Suitable for General Lighting




Similar Part No. - GWQSLPS1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQSLPS1.CM OSRAM-GWQSLPS1.CM Datasheet
1Mb / 25P
This 6V OSCONIQ E 3030 LED
Version 1.0 2024-09-30
GWQSLPS1.PM OSRAM-GWQSLPS1.PM Datasheet
1Mb / 26P
This 6V OSCONIQ E 3030 LED
Version 1.0 2024-05-16
GWQSLPS1.PM-L1L3-XX51-1 OSRAM-GWQSLPS1.PM-L1L3-XX51-1 Datasheet
1Mb / 26P
This 6V OSCONIQ E 3030 LED
Version 1.0 2024-05-16
GWQSLPS1.PM-L1L4-XX52-1 OSRAM-GWQSLPS1.PM-L1L4-XX52-1 Datasheet
1Mb / 26P
This 6V OSCONIQ E 3030 LED
Version 1.0 2024-05-16
GWQSLPS1.PM-L1L4-XX56-1 OSRAM-GWQSLPS1.PM-L1L4-XX56-1 Datasheet
1Mb / 26P
This 6V OSCONIQ E 3030 LED
Version 1.0 2024-05-16
More results


Similar Description - GWQSLPS1.EM

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBTE3030-YD P-TEC-PLBTE3030-YD Datasheet
1Mb / 11P
1 Watt 3030 Top View Surface Mount LED
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
Seoul Semiconductor
STFRC12B SEOUL-STFRC12B Datasheet
973Kb / 18P
Horticulture ??3030 series
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com