Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWQSLMS2.HM Datasheet (PDF) - ams AG

GWQSLMS2.HM Datasheet PDF - ams AG
Part # GWQSLMS2.HM
Download  GWQSLMS2.HM Download
File Size   2052.5 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.

GWQSLMS2.HM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWQSLMS2.HM Datasheet PDF - ams AG

Part # GWQSLMS2.HM
Download  GWQSLMS2.HM Click to download

File Size   2052.5 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.

GWQSLMS2.HM Datasheet (HTML) - ams AG


GWQSLMS2.HM Product details

Features
- Package: white SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 41.1 lm @ 5000 K
- Luminous efficacy: typ. 234 lm/W @ 5000 K
- Photon Flux Efficacy: typ. 3.15 umol/J @ 5000K
- Photon Flux: typ 0.552 umol/s @ 5000K





Similar Part No. - GWQSLMS2.HM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQSLMS2.HM OSRAM-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results


Similar Description - GWQSLMS2.HM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C32 BELLING-BL24C32 Datasheet
260Kb / 13P
The device is optimized for use in many industrial and commercial applications
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B Datasheet
545Kb / 3P
The MTD1114M3B is a photo diode in a ceramic package. It is well suited for high reliability and high sensitivity applications.
MTD1200M3B MARKTECH-MTD1200M3B Datasheet
545Kb / 3P
The MTD1200M3B is a photo diode in a ceramic package. It is well suited for high reliability and high sensitivity applications.
logo
Lumileds Lighting Compa...
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
Industry leading efficacy, 3V 3030 package
20210120
logo
Quelighting Corp
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWQ9LR32.HW AMSCO-GWQ9LR32.HW Datasheet
1Mb / 23P
OSCONIQ® S 5050 Horti White is the ideal white LED that enables luminaires to maximize system level photon efficacy performance for horticulture applications.
Version 1.1 2023-02-20
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com