Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWQSLMS2.HM Datasheet (PDF) - OSRAM GmbH

GWQSLMS2.HM Datasheet PDF - OSRAM GmbH
Part # GWQSLMS2.HM
Download  GWQSLMS2.HM Download
File Size   2052.83 Kbytes
Page   27 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.

GWQSLMS2.HM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWQSLMS2.HM Datasheet PDF - OSRAM GmbH

Part # GWQSLMS2.HM
Download  GWQSLMS2.HM Click to download

File Size   2052.83 Kbytes
Page   27 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.

GWQSLMS2.HM Datasheet (HTML) - OSRAM GmbH


GWQSLMS2.HM Product details

Features
- Package: white SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 41.1 lm @ 5000 K
- Luminous efficacy: typ. 234 lm/W @ 5000 K
- Photon Flux Efficacy: typ. 3.15 umol/J @ 5000K
- Photon Flux: typ 0.552 umol/s @ 5000K





Similar Part No. - GWQSLMS2.HM

ManufacturerPart #DatasheetDescription
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results


Similar Description - GWQSLMS2.HM

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B Datasheet
545Kb / 3P
The MTD1114M3B is a photo diode in a ceramic package. It is well suited for high reliability and high sensitivity applications.
MTD1200M3B MARKTECH-MTD1200M3B Datasheet
545Kb / 3P
The MTD1200M3B is a photo diode in a ceramic package. It is well suited for high reliability and high sensitivity applications.
logo
Lumileds Lighting Compa...
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
Industry leading efficacy, 3V 3030 package
20210120
logo
Quelighting Corp
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
logo
OSRAM GmbH
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWQ9LR32.HW AMSCO-GWQ9LR32.HW Datasheet
1Mb / 23P
OSCONIQ® S 5050 Horti White is the ideal white LED that enables luminaires to maximize system level photon efficacy performance for horticulture applications.
Version 1.1 2023-02-20
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com