Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWPLLRA1.EM Datasheet (PDF) - OSRAM GmbH

GWPLLRA1.EM Datasheet PDF - OSRAM GmbH
Part # GWPLLRA1.EM
Download  GWPLLRA1.EM Download
File Size   1350.2 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSCONIQ® C 2424

GWPLLRA1.EM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWPLLRA1.EM Datasheet PDF - OSRAM GmbH

Part # GWPLLRA1.EM
Download  GWPLLRA1.EM Click to download

File Size   1350.2 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description OSCONIQ® C 2424

GWPLLRA1.EM Datasheet (HTML) - OSRAM GmbH


GWPLLRA1.EM Product details

High-power LED with Chip-Scale-Package (CSP)
footprint, excellent efficiency and color homogeneity,
superior reliability and lifetime.

Features:
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 5700K
- CRI: 80 (min.), 83 (typ.), R9: 0 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 267 lm @ 3000 K, 85 °C
- Luminous efficacy: typ. 136 lm/W @ 3000 K, 85 °C

Applications
- Architecture
- Downlights/Spotlights
- Highbay Industrial
- Highbay Retail
- Horticulture Lighting
- Human Centric Lighting
- Mood Lighting
- Stage Lighting (LED & Laser)
- Street, Tunnel and Outdoor




Similar Part No. - GWPLLRA1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPLTRA1.EM OSRAM-GWPLTRA1.EM Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NAQB-XX58-1 OSRAM-GWPLTRA1.EM-NAQB-XX58-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX52-1 OSRAM-GWPLTRA1.EM-NBQB-XX52-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX53-1 OSRAM-GWPLTRA1.EM-NBQB-XX53-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
GWPLTRA1.EM-NBQB-XX57-1 OSRAM-GWPLTRA1.EM-NBQB-XX57-1 Datasheet
1Mb / 25P
Leveraging the strengths of a traditional high power LED
Version 1.2 2024-09-25
More results


Similar Description - GWPLLRA1.EM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2213407 TEC-C-2213407 Datasheet
558Kb / 3P
LUMAWISE LED HOLDER Z50 2424
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
logo
Lapp.
0026701 LAPP-0026701 Datasheet
71Kb / 2P
OLFLEX® ROBUSR FD C
20.07.2018
44420211 LAPP-44420211 Datasheet
349Kb / 4P
EPIC® POWERLOCK F6 C
21.10.2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com