Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEWGBBMD2U Datasheet (PDF) - OSRAM GmbH

KEWGBBMD2U Datasheet PDF - OSRAM GmbH
Part # KEWGBBMD2U
Download  KEWGBBMD2U Download
File Size   250.22 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High resolution ADB, Safety relevant signal projection on the road

KEWGBBMD2U Datasheet (PDF)

Go To PDF Page Download Datasheet
KEWGBBMD2U Datasheet PDF - OSRAM GmbH

Part # KEWGBBMD2U
Download  KEWGBBMD2U Click to download

File Size   250.22 Kbytes
Page   4 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High resolution ADB, Safety relevant signal projection on the road

KEWGBBMD2U Datasheet (HTML) - OSRAM GmbH


KEWGBBMD2U Product details

Features
- 25600 pixels arranged in 320 rows x 80 lines or
- 19200 pixels arranged in 240 rows x 80 lines
- Pixel pitch 40μm
- Target Color Bin: Cx: 0.318; Cy: 0.33
- Wide operating temperature range of Tj = -40 °C to 125 °C for Companion ASIC
- Wide operating temperature range of Tj = -40 °C to 150 °C for the EVIYOS® 2.05
- Qualification: AEC-Q102 attachment 003 for high complex Optoelectronic Multichip Modules
for EVIYOSTM HD25 gen2 and AEC-Q100 for Companion ASIC




Similar Part No. - KEWGBBMD2U

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KEWGBBMD1U AMSOSRAM-KEWGBBMD1U Datasheet
151Kb / 3P
EVIYOSTM HD25 gen1
More results


Similar Description - KEWGBBMD2U

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
OSTAR High Power Projection
logo
Texas Instruments
TPS653850-Q1 TI1-TPS653850-Q1 Datasheet
240Kb / 10P
Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
TPS653853-Q1 TI1-TPS653853-Q1 Datasheet
241Kb / 10P
Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
TPS65381A-Q1 TI1-TPS65381A-Q1_17 Datasheet
1Mb / 120P
Multirail Power Supply for Microcontrollers in Safety-Relevant Applications
logo
OSRAM GmbH
LEBP2W OSRAM-LEBP2W Datasheet
1Mb / 20P
Projection
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
OSTAR High Power Projection
logo
Infineon Technologies A...
TLF35584 INFINEON-TLF35584 Datasheet
221Kb / 2P
System-Supply for Safety-Relevant Applications
03 / 2015
logo
Texas Instruments
TPS653860-Q1 TI-TPS653860-Q1 Datasheet
1Mb / 15P
TPS653860/61-Q1 Power Management IC For Safety-Relevant Applications
OCTOBER 2023
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com