Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEWGBBMD1U Datasheet (PDF) - ams-OSRAM AG

KEWGBBMD1U Datasheet PDF - ams-OSRAM AG
Part # KEWGBBMD1U
Download  KEWGBBMD1U Download
File Size   151.9 Kbytes
Page   3 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description EVIYOSTM HD25 gen1

KEWGBBMD1U Datasheet (PDF)

Go To PDF Page Download Datasheet
KEWGBBMD1U Datasheet PDF - ams-OSRAM AG

Part # KEWGBBMD1U
Download  KEWGBBMD1U Click to download

File Size   151.9 Kbytes
Page   3 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description EVIYOSTM HD25 gen1

KEWGBBMD1U Datasheet (HTML) - ams-OSRAM AG


KEWGBBMD1U Product details

Applications
-Dynamic Forward Lighting - Projection
-Transportation - Projection & Display
Features
-25600 pixels arranged in 320 rows x 80 lines (KEW GBBMD1U) or
-19200 pixels arranged in 240 rows x 80 lines (KEW GBCLD1U)
-Pixel pitch 40μm
-Target Color Bin: Cx: 0.318; Cy: 0.33
-Wide operating temperature range of Tj = -40 °C to 125 °C for Companion ASIC
-Wide operating temperature range of Tj = -40 °C to 150 °C for the EVIYOSTM HD25 gen1
-Qualification: AEC-Q102 attachment 003 for high complex Optoelectronic Multichip Modules
(planned) for EVIYOS® HD25 AEC-Q100 for Companion ASIC




Similar Part No. - KEWGBBMD1U

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KEWGBBMD2U OSRAM-KEWGBBMD2U Datasheet
250Kb / 4P
High resolution ADB, Safety relevant signal projection on the road
2024-07-26
KEWGBBMD2U-EMES-3E04E0-04 OSRAM-KEWGBBMD2U-EMES-3E04E0-04 Datasheet
250Kb / 4P
High resolution ADB, Safety relevant signal projection on the road
2024-07-26
More results


Similar Description - KEWGBBMD1U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06121 NXP-CBTL06121 Datasheet
109Kb / 19P
Gen1 hex display multiplexer
Rev. 01-23 May 2008
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
logo
Renesas Technology Corp
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
NXP Semiconductors
CBTL06141 NXP-CBTL06141 Datasheet
392Kb / 18P
Gen1 display 2 : 1 multiplexer
Rev. 2 - 15 July 2010
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com