Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6520 Datasheet (PDF) - Princeton Technology Corp

PT6520 Datasheet PDF - Princeton Technology Corp
Part # PT6520
Download  PT6520 Download
File Size   335.82 Kbytes
Page   27 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6520 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6520 Datasheet PDF - Princeton Technology Corp

Part # PT6520
Download  PT6520 Click to download

File Size   335.82 Kbytes
Page   27 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6520 Datasheet (HTML) - Princeton Technology Corp


PT6520 Product details

DESCRIPTION

PT6520 is a dot matrix LCD driver IC. The bit addressable display data which is sent from a microcomputer is stored in a build-in display data RAM and generates the LCD signal.

The PT6520 incorporates innovative circuit design strategies to assure very low current dissipation and a wide range of operating voltages. The PT6520 permits the user to implement high-performance handy systems operating from a miniature battery.



FEATURES

• CMOS technology

• 8-bit data interface

• 61 segment output

• 16 common output

• Duty cycle – PT6520 – 1/16 ~ 1/32

• 2560 bits built-in display data RAM

• Master/Slave operation

• Low power: 30μW

• LCD voltage: 3.5 ~ 13V

• Power supply: 2.4 ~ 7V

• Available in 100 pins, QFP & C.O.B.



APPLICATIONS

• Peripheral devices

• LCD modules

• Electronic instruments



 




Similar Part No. - PT6520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6520 TI-PT6520 Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6520 PTC-PT6520 Datasheet
552Kb / 21P
LCD Driver IC
PT6520-H PTC-PT6520-H Datasheet
552Kb / 21P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
More results


Similar Description - PT6520

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com