Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6607 Datasheet (PDF) - Princeton Technology Corp

PT6607 Datasheet PDF - Princeton Technology Corp
Part # PT6607
Download  PT6607 Download
File Size   67.03 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC?

PT6607 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6607 Datasheet PDF - Princeton Technology Corp

Part # PT6607
Download  PT6607 Click to download

File Size   67.03 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC?

PT6607 Datasheet (HTML) - Princeton Technology Corp


PT6607 Product details

DESCRIPTION
PT6607 is a 64-channel common driver for dot matrix liquid crystal graphic display system. It utilizes CMOS Technology and provides 64 shift registers and 64 output drivers. PT6607 generates the timing signal which controls the PT6608 segment driver. Pin assignments and application circuit are optimized for easy PCB Layout and cost saving advantages.

FEATURES
• CMOS Technology
• 64 Channel Outputs
• Provides 64 Bits Shift Register in the Internal LCD Driver Circuit
• Internal Timing Generator Circuit for Dynamic Display
• Selectable Master/Slave Mode
• Power Supply: + 5V + 10 %
• LCD Driving Voltage: 8V to 17V (VDD-VEE)
• LCD Duty: 1/14, 1/64, 1/96, 1/128
• Available in 100-pin, QFP Package
• Interface: Common Driver -- PT6607
    Segment Driver -- PT6608
    Controller -- MPU

APPLICATION
• Peripheral Device




Similar Part No. - PT6607

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI1-PT6600 Datasheet
1Mb / 9P
Single Device 9A Output
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
ISDN S-Interface Transformer
PT66002 BOURNS-PT66002 Datasheet
147Kb / 1P
T1 Transformer
PT66002L BOURNS-PT66002L Datasheet
147Kb / 1P
T1 Transformer
More results


Similar Description - PT6607

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com