Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6607 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6607
Description  LCD Driver IC?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6607 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6607 Datasheet HTML 1Page - Princeton Technology Corp PT6607 Datasheet HTML 2Page - Princeton Technology Corp PT6607 Datasheet HTML 3Page - Princeton Technology Corp PT6607 Datasheet HTML 4Page - Princeton Technology Corp PT6607 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT6607 pre 1.0
1
Updated Nov. 2000
LCD Driver IC
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6607
Preliminary
DESCRIPTION
PT6607 is a 64-channel common driver for dot matrix liquid crystal graphic display system. It utilizes CMOS
Technology and provides 64 shift registers and 64 output drivers. PT6607 generates the timing signal which
controls the PT6608 segment driver. Pin assignments and application circuit are optimized for easy PCB
Layout and cost saving advantages.
FEATURES
• CMOS Technology
• 64 Channel Outputs
• Provides 64 Bits Shift Register in the Internal LCD Driver Circuit
• Internal Timing Generator Circuit for Dynamic Display
• Selectable Master/Slave Mode
• Power Supply: + 5V + 10 %
• LCD Driving Voltage: 8V to 17V (V
DD-VEE)
• LCD Duty: 1/14, 1/64, 1/96, 1/128
• Available in 100-pin, QFP Package
• Interface: Common Driver -- PT6607
Segment Driver -- PT6608
Controller -- MPU
APPLICATION
• Peripheral Device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com