Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROBG3000 Datasheet (PDF) - ZKTECO CO., LTD. All rights reserved.

PROBG3000 Datasheet PDF - ZKTECO CO., LTD. All rights reserved.
Part # PROBG3000
Download  PROBG3000 Download
File Size   4296.49 Kbytes
Page   7 Pages
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.
Description High Performance Barrier Gate with High-Speed

PROBG3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PROBG3000 Datasheet PDF - ZKTECO CO., LTD. All rights reserved.

Part # PROBG3000
Download  PROBG3000 Click to download

File Size   4296.49 Kbytes
Page   7 Pages
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.
Description High Performance Barrier Gate with High-Speed

PROBG3000 Datasheet (HTML) - ZKTECO CO., LTD. All rights reserved.


PROBG3000 Product details

Human-frendly interactive appearance design. The
chassisis standard for LED indicator ight, and the boom
is optional for LED light trp.

The Mean Cycles Between Failures (MCBF) is up to.
5 millon times, and the product’ ilespan is more than
10 times longer than the traditional barier gate.

The opening/closing speed of boom is fas (upto 0.99). You
can adjust the speed from 0.95-8s by the vehicle flow and
required boom length

tcan operate normally at temperature as low as 45°C and
as high as 75°C.

High reliability Wear-resistant, and there is no mechanical
impact and shock absorption during the movement.

+ Automatically detects Power-off and Its the Boom. The gate
arm can also be pushed up manually by hand.

High safety; when a vehicle hits the boom, it swings out to avoid
further damage. It has impact-resistance rubber stip.

The boon direction can be quickly interchanged according to
different direction on site

Supports fleet mode and boon lifting time record function; the gate:
can be closed after the barrie sensor has detected specified number
of vehicles passed.

Supports boom angle adjustment function.

Supports global standard voltage of 100-240V AC and 24VDC low voltage.
power supply.

Suppprts delay automatic close function.

Low power consumption and energy saving design. The barrier gate:
an save upto S00KWh of electricity a year.




Similar Part No. - PROBG3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PROBE ETC-PROBE Datasheet
89Kb / 3P
TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
logo
Velleman Group nv All r...
PROBE250 VELLEMAN-PROBE250 Datasheet
342Kb / 1P
OSCILLOSCOPE PROBE 250MHz
2/15/2019
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
NTC thermistors for temperature measurement
logo
List of Unclassifed Man...
PROBEE-ZE10 ETC-PROBEE-ZE10 Datasheet
729Kb / 17P
Zigbe oem module
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
More results


Similar Description - PROBG3000

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
HIGH-PERFORMANCE CMOS GATE ARRAY
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
High-Performance Silicon-Gate CMOS
logo
Bourns Electronic Solut...
P40-G BOURNS-P40-G Datasheet
548Kb / 7P
Extremely high speed performance
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
Extremely high speed performance
logo
International Rectifier
IR3537 IRF-IR3537 Datasheet
689Kb / 15P
12V High Performance Gate Driver
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
High Speed 5V High Performance
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
High-performance Silicon-gate CMOS
logo
IXYS Corporation
IXGA150N33TC IXYS-IXGA150N33TC Datasheet
199Kb / 5P
Trench Gate High Speed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com