Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS1625-V01 Datasheet (PDF) - Vishay Siliconix

VCS1625-V01 Datasheet PDF - Vishay Siliconix
Part # VCS1625-V01
Download  VCS1625-V01 Download
File Size   357.58 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Bulk Metal® Foil Surface Mount Current Sensing Chip Resistor with TCR of ± 2 ppm/°C

VCS1625-V01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCS1625-V01 Datasheet PDF - Vishay Siliconix

Part # VCS1625-V01
Download  VCS1625-V01 Click to download

File Size   357.58 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Bulk Metal® Foil Surface Mount Current Sensing Chip Resistor with TCR of ± 2 ppm/°C

VCS1625-V01 Datasheet (HTML) - Vishay Siliconix


VCS1625-V01 Product details

FEATURES
• Temperature coefficient of resistance (TCR):
± 2.0 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Resistance range: 0.01 Ω to 10 Ω (for higher or
lower values please contact us)
• Vishay Foil resistors are not restricted to
standard values, we can supply specific “as required”
values at no extra cost or delivery (e.g. 1.2345 Ω vs. 1 Ω)
• Tolerance: to ± 0.1 %
• Load life stability: ± 0.02 % at 70 °C, 2000 h at rated power
• Electrostatic discharge (ESD) up to 25 000 V
• Short time overload ≤ 0.005 %
• Non inductive, non capacitive design
• Power rating: 0.5 W at + 70 °C (figure 1) or 5 A, whichever
is lower
• Thermal EMF: 0.05 μV/°C typical
• Non hot spot design
• Current noise: < - 40 dB
• Rise time: 1 ns effectively no ringing
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 μH
• For better performances please review VCS1625Z (Z-foil)


APPLICATIONS
• Automatic test equipment (ATE)
• Airborne (in heads-up display systems)
• High precision instrumentation
• Electron beam recording equipment
• Electron microscopes
• Current sensing applications
• Forced balance electronic scales
• Applications that require superior frequency stability
• Military
• Medical




Similar Part No. - VCS1625-V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
19-Feb-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
More results


Similar Description - VCS1625-V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
23-Jul-08
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
16-Jul-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com