Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM Datasheet (PDF) - Vishay Siliconix

CSM Datasheet PDF - Vishay Siliconix
Part # CSM
Download  CSM Download
File Size   1069.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor

CSM Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM Datasheet PDF - Vishay Siliconix

Part # CSM
Download  CSM Click to download

File Size   1069.75 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor

CSM Datasheet (HTML) - Vishay Siliconix


CSM Product details

ABOUT CSM (Low Ohm Value 1 mΩ to 200 mΩ)



New high-precision Bulk Metal® surface-mount Power Metal Strip® resistor of 1 mΩ to 200 mΩ that features an improved load-life stability of ± 0.2 % at + 70 °C for 2000 h at rated power, an absolute TCR of ± 15 ppm/°C maximum from - 55 °C to + 125 °C, + 25 °C ref., and a tolerance of ± 0.1 %.

Typical current sensing resistors offer a load-life stability of ≥ 1 % through a 2000 h workload. The improved resistance stability of the CSM Series makes it ideal for tightened-stability voltage division and precision current sensing applications in switching linear power supplies, power amplifiers, measurement instrumentation, bridge networks, and medical and test equipment. In addition, the CSM Series complies with EEE-INST-002 (MIL-PRF 55342 and MIL-PRF 49465) for military and space applications.



FEATURES

• Temperature coefficient of resistance: ± 15 ppm/°C max. (- 55 °C to + 125 °C, + 25 °C ref.); ± 10 ppm/°C max. (- 55 °C to + 125 °C, + 25 °C ref.) is available on request (see table 1)

• Power rating: 1 W to 3 W

• Resistance tolerance: ± 0.1 %

• Resistance range: 1 mΩ to 200 mΩ (1)

• Vishay Foil resistors are not restricted to standard values, specific “as required” values can be supplied at no extra cost or delivery (e.g. 2.3456 mΩ vs. 2 mΩ)

• Load life stability to ± 0.2 % (70 °C, 2000 h at rated power)

• Short time overload: ± 0.1 % typical

• Thermal EMF: 3 µV/°C (DC offset error, significant for low values)

• Maximum current: up to 54 A

• Proprietary processing techniques produce low TCR, tight tolerance and improve stability

• Low inductance < 5 nH

• Solderable terminations

• Excellent frequency response to 50 MHz

• Matched sets are available on request

• Screening in accordance with EEE-INST002 available (per MIL-PRF-55342 and MIL-PRF-49465; see 303144 and 303145 datasheets)

• Terminal finishes available: lead (Pb)-free, tin/lead alloy

• Prototype quantities available in just 5 working days or sooner. For more information, please contact foil@vishaypg.com

• For better performance please contact Application Engineering

• Compliant to RoHS directive 2002/95/EC



The Key Applications

Applications requiring accuracy and repeatability under stress conditions such as the following:

• Switching and linear power supplies

• Precision current-sensing

• Power management systems

• Feedback circuits

• Power amplifiers

• Measurement instrumentation

• Precision instrumentation amplifiers

• Medical and automatic test equipment

• Satellites and aerospace systems

• Commercial and Military avionics

• Test and measurement equipment

• Electronic scales



 




Similar Part No. - CSM

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CSM OHMITE-CSM Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
logo
BlockMaster Electronics...
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
167Kb / 1P
This specification applies to – CSFXX091 - Plug
6/11/2017
More results


Similar Description - CSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
16-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
26-Jan-05
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
17-Aug-04
VCS101 VISHAY-VCS101_08 Datasheet
103Kb / 4P
Bulk Metal® Technology Precision, Low Value, Current Sense/Current Shunt Resistors
25-Jun-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com