Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CSM
Description  Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM Datasheet(HTML) 4 Page - Vishay Siliconix

  CSM Datasheet HTML 1Page - Vishay Siliconix CSM Datasheet HTML 2Page - Vishay Siliconix CSM Datasheet HTML 3Page - Vishay Siliconix CSM Datasheet HTML 4Page - Vishay Siliconix CSM Datasheet HTML 5Page - Vishay Siliconix CSM Datasheet HTML 6Page - Vishay Siliconix CSM Datasheet HTML 7Page - Vishay Siliconix CSM Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TABLE 2 - CSM SERIES PERFORMANCE SPECIFICATIONS
TEST
CONDITIONS
MIL-PRF-49465B
ΔR LIMITS
CSM2512/CSM3637
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles,
15 min at each extreme
± (0.5 % + 0.0005R)
0.1 %
0.3 %
Load Life Stability
2000 h, 70 °C at rated power
± (1.0 % + 0.0005R)
0.2 %
0.5 %
Bias Humidity
+ 85 °C, 85 % humidity
10 % bias, 1000 h
± (0.5 % + 0.0005R)
0.05 %
0.2 %
Short Time Overload
5 x rated power for 5 s
(See note (3) from table 1)
± (0.5 % + 0.0005R)
0.1 %
0.2 %
High Temperature Exposure
1000 h, 170 °C
± (1.0 % + 0.0005R)
0.2 %
0.3 %
Low Temperature Storage
- 65 °C for 24 h
± (0.5 % + 0.0005R)
0.05 %
0.1 %
Moisture Resistance
MIL-STD-202, method 106,
0 power, 7a and 7b not required
± (0.5 % + 0.0005R)
0.02 %
0.05 %
Shock
100 g, 6 ms, 5 pulses
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Vibration
(10 Hz to 2000 Hz) 20 g
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Resistance to Soldering Heat
10 s to 12 s at + 260 °C
± (0.25 % + 0.0005R)
0.05 %
0.1 %
Solderability
MIL-STD-202
95 % coverage
-
-
FIGURE 3 - LOAD LIFE RESULTS OF CSM2512
0
500
1000
1500
2000
2500
-3000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
CSM2512 0R05
Load Life 2000HRS @ 1W @ +70C (15 units)
Time (Hours)
CSM Series
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63089
4
Revision: 3-May-11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com