Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABX00097 Datasheet (PDF) - Arduino

ABX00097 Datasheet PDF - Arduino
Part # ABX00097
Download  ABX00097 Download
File Size   883.99 Kbytes
Page   13 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® DIN Simul8

ABX00097 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX00097 Datasheet PDF - Arduino

Part # ABX00097
Download  ABX00097 Click to download

File Size   883.99 Kbytes
Page   13 Pages
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino
Description Arduino® DIN Simul8

ABX00097 Datasheet (HTML) - Arduino


ABX00097 Product details

Description
Arduino® DIN Simul8 is a digital-input-simulator and power distribution board for the Arduino Opta® family and Arduino® PLC Starter Kit. It provides eight toggle switches (0 - 10 V output) and four screw terminal for bringing the 24 V and the GROUND easily to the PLC or other board.

Features
Note: This board needs the Arduino Opta® for full functionality.
Toggle Switches
8 toggle switch in the middle of the board
LEDs
8 leds showing the status of each toggle switches
Screw connectors
2 screw connectors exposing +24 V DC
2 screw connectors exposing GND
8 screw connectors link to the toggle switches output (0 - 10 V)
1 barrel plug (+24 V DC)
DIN mounting
RT-072 DIN Rail Modular PCB Board Holders - 72 mm




Similar Part No. - ABX00097

ManufacturerPart #DatasheetDescription
logo
Arduino
ABX00098 ARDUINO-ABX00098 Datasheet
900Kb / 11P
Arduino® DIN Celsius
15/11/2024
More results


Similar Description - ABX00097

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
AKX00032 ETC-AKX00032 Datasheet
4Mb / 25P
Arduino® Portenta Machine Control
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
Arduino® UNO Mini
24/11/2021
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
Arduino® UNO R4 Minima
25/07/2023
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
Arduino® UNO R4 WiFi
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com