Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK406NS Datasheet (PDF) - Rakon Limited

RK406NS Datasheet PDF - Rakon Limited
Part # RK406NS
Download  RK406NS Download
File Size   339.58 Kbytes
Page   6 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description LOW NOISE & LOW POWER OSCILLATOR SERIES

RK406NS Datasheet (PDF)

Go To PDF Page Download Datasheet
RK406NS Datasheet PDF - Rakon Limited

Part # RK406NS
Download  RK406NS Click to download

File Size   339.58 Kbytes
Page   6 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description LOW NOISE & LOW POWER OSCILLATOR SERIES

RK406NS Datasheet (HTML) - Rakon Limited


RK406NS Product details

Features
 Frequency: 10 to 125 MHz
 Supply voltage: 5 V
 Voltage control function
 Steady state consumption: 450 mW
 25.4 x 25.4 x 13 mm pin-through hole package
 Weight: 17 g max
 Overall frequency stability: ±500 ppb at 10 MHz
 ADEV (1s): <2E-11 @ 10 MHz
 Output wave form: sine 50 Ω or square
 TID limit: 30 krads
 Latch-up free up to LET: 43 MeV.cm²/mg

Applications
 Frequency converters
 GNSS receivers
 Synthesizers




Similar Part No. - RK406NS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RK40-02 BELDEN-RK40-02 Datasheet
354Kb / 2P
7/8" Power Single-Ended Cordset: Female, straight, 4-pin, orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
RK40-637 BELDEN-RK40-637 Datasheet
332Kb / 2P
7/8" Power Single-Ended Cordset: Female, straight, 4-pin, yellow body, 300 V (UL), 5.6 A (UL); TPE yellow cable, 18 AWG
03-22-2023
logo
Electronic devices inc.
RK400A EDI-RK400A Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK400B EDI-RK400B Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
TEMEX
RK407 TEMEX-RK407 Datasheet
334Kb / 2P
Space Oven Controlled Crystal Oscillator
More results


Similar Description - RK406NS

ManufacturerPart #DatasheetDescription
logo
TEMEX
LNO100 TEMEX-LNO100 Datasheet
873Kb / 9P
Low Noise Oscillator series
LNO480B1 TEMEX-LNO480B1 Datasheet
588Kb / 4P
Low Noise Oscillator
LNO500B2 TEMEX-LNO500B2 Datasheet
579Kb / 4P
Low Noise Oscillator
LNO500D1 TEMEX-LNO500D1 Datasheet
820Kb / 5P
Low Noise Oscillator
LNO640D1 TEMEX-LNO640D1 Datasheet
895Kb / 4P
Low Noise Oscillator
LNO800E1 TEMEX-LNO800E1 Datasheet
814Kb / 5P
Low Noise Oscillator
LNO1280B1 TEMEX-LNO1280B1 Datasheet
583Kb / 4P
Low Noise Oscillator
LNO4800B3 TEMEX-LNO4800B3 Datasheet
794Kb / 5P
Low Noise Oscillator
LNO5000B3 TEMEX-LNO5000B3 Datasheet
793Kb / 5P
Low Noise Oscillator series
LNO1000B1 TEMEX-LNO1000B1 Datasheet
469Kb / 3P
Low Noise Oscillator series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com