Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK409AVNS Datasheet (PDF) - Rakon Limited

RK409AVNS Datasheet PDF - Rakon Limited
Part # RK409AVNS
Download  RK409AVNS Download
File Size   687.36 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description 10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS

RK409AVNS Datasheet (PDF)

Go To PDF Page Download Datasheet
RK409AVNS Datasheet PDF - Rakon Limited

Part # RK409AVNS
Download  RK409AVNS Click to download

File Size   687.36 Kbytes
Page   4 Pages
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited
Description 10-9 STABILITY CLASS OCXO | NEWSPACE SOLUTIONS

RK409AVNS Datasheet (HTML) - Rakon Limited


RK409AVNS Product details

Features
 Frequency: 10 and 10.23 MHz
 Allan Variance: 2.5E-13 @ 1 s
 Warm-up consumption: 8 W max.
 Frequency stability vs. temperature: ±0.2 ppb typ. under vacuum
 Ageing: ±150 ppb max over 10 years at 10 MHz
 Quick delivery time
 Supply voltage: 12 V
 Output waveform: sine 50 Ω
 Output level from 4 to 8 dBm
 Weight: 250 g
 TID Limit: 30 krad
 Latch-up free up to LET:
43 MeV.cm2/mg

Applications
 PNT
 GNSS
 Earth Observation
 Navigation
 Compact reference for MRO/FGU




Similar Part No. - RK409AVNS

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RK409AV RAKON-RK409AV Datasheet
114Kb / 1P
Space Ultra Stable Oscillator (USO) Series
8 April 2024
More results


Similar Description - RK409AVNS

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
AXIOM45 AXTAL-AXIOM45 Datasheet
54Kb / 2P
OCXO High stability, Sinewave Output
2005-07-15
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
OFC5DJ1AA CONNOR-WINFIELD-OFC5DJ1AA Datasheet
186Kb / 2P
SURFACE MOUNT HIGH STABILITY HCMOS OCXO
logo
QUARTZCOM the communica...
OCO-M36CES QUARTZCOM-OCO-M36CES Datasheet
138Kb / 1P
Through hole OCXO Sine wave High frequency stability vs. temperature (up to 짹7.5 x 10-9)
logo
Golledge Electronics Lt...
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
10-13 Short-term stability class OCXO
RK408MS1 TEMEX-RK408MS1 Datasheet
514Kb / 2P
HIGH RELIABILITY 10-8 STABILITY CLASS OCXO SPACE SOLUTIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com