Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC594 Datasheet (PDF) - Hittite Microwave Corporation

HMC594 Datasheet PDF - Hittite Microwave Corporation
Part # HMC594
Download  HMC594 Download
File Size   292.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz

HMC594 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC594 Datasheet PDF - Hittite Microwave Corporation

Part # HMC594
Download  HMC594 Click to download

File Size   292.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz

HMC594 Datasheet (HTML) - Hittite Microwave Corporation


HMC594 Product details

General Description
The HMC594 is a GaAs PHEMT MMIC Low Noise Amplifi er (LNA) chip which operates from 2 to 4 GHz. The HMC594 features extremely fl at performance characteristics including 10 dB of small signal gain, 2.6 dB of noise fi gure and output IP3 of +36 dBm across the operating band. This versatile LNA is ideal for hybrid and MCM assemblies due to its compact size, consistent output power and DC blocked RF I/O’s. All data is measured with the chip in a 50 Ohm test fi xture connected via one 0.025 mm (1 mil) diameter bondwire of minimal length 0.31 mm (12 mil).

Features
   Gain Flatness: ±0.2 dB
   Noise Figure: 2.6 dB
   Gain: 10 dB
   OIP3: +36 dBm
   DC Supply: +6V @ 100 mA
   50 Ohm Matched Input/Output
   Die Size: 1.32 x 1.21 x 0.10 mm

Typical Applications
The HMC594 is ideal for:
• Fixed Microwave
• Point-to-Multi-Point Radios
• Test & Measurement Equipment
• Radar & Sensors
• Military & Space




Similar Part No. - HMC594

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594 HITTITE-HMC594 Datasheet
244Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC594 AD-HMC594 Datasheet
314Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC594 AD-HMC594 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC594 AD-HMC594 Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
v02.1222
More results


Similar Description - HMC594

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B Datasheet
263Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609 Datasheet
302Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4 Datasheet
273Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC594 HITTITE-HMC594_09 Datasheet
244Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609_10 Datasheet
248Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com