Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC594 Datasheet (PDF) - Analog Devices

HMC594 Datasheet PDF - Analog Devices
Part # HMC594
Download  HMC594 Download
File Size   314.32 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER

HMC594 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC594 Datasheet PDF - Analog Devices

Part # HMC594
Download  HMC594 Click to download

File Size   314.32 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs pHEMT MMIC LOW NOISE AMPLIFIER

HMC594 Datasheet (HTML) - Analog Devices


HMC594 Product details

General Description
The HmC594 is a GaAs pHemT mmiC low Noise Ampliier (lNA) chip which operates from 2 to 4 GHz. The HmC594 features extremely lat performance characteristics including 10 dB of small signal gain, 2.6 dB of noise igure and output ip3 of +36 dBm across the operating band. This versatile lNA is ideal for hybrid and mCm assemblies due to its compact size, consistent output power and DC blocked rf i/o’s. All data is measured with the chip in a 50 ohm test ixture connected via one 0.025 mm (1 mil) diameter bondwire of minimal length 0.31 mm (12 mil).

Features
   Gain flatness: ±0.2 dB
   Noise figure: 2.6 dB
   Gain: 10 dB
   oip3: +36 dBm
   DC supply: +6V @ 100 mA
   50 ohm matched input/output
   Die size: 1.32 x 1.21 x 0.10 mm

Typical Applications
The HmC594 is ideal for:
• Fixed Microwave
• Point-to-Multi-Point Radios
• Test & Measurement Equipment
• Radar & Sensors
• Military & Space




Similar Part No. - HMC594

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594 HITTITE-HMC594 Datasheet
244Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC594 AD-HMC594 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC594 AD-HMC594 Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
v02.1222
More results


Similar Description - HMC594

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com