Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2FBGA Datasheet (PDF) - Amkor Technology

X2FBGA Datasheet PDF - Amkor Technology
Part # X2FBGA
Download  X2FBGA Download
File Size   746.51 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.

X2FBGA Datasheet (PDF)

Go To PDF Page Download Datasheet
X2FBGA Datasheet PDF - Amkor Technology

Part # X2FBGA
Download  X2FBGA Click to download

File Size   746.51 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.

X2FBGA Datasheet (HTML) - Amkor Technology


X2FBGA Product details

FEATURES
Cutting-edge technology and expanding package offerings provide a platform from prototype-toproduction
Copper (Cu) wire interconnect method and high-volume infrastructure at all Amkor CABGA production facilities
Lowest cost using Amkor standard CABGA bill of materials selection
1.5-27 mm body size available
Square or rectangle packages available
4-700 ball/lead counts
0.4, 0.5, 0.65, 0.75, 0.80 & 1.0 mm ball pitch available
JEDEC publication 95 design guide 4.5 (JEP95)
RoHS-6 (green) BOM options for 100% of CABGA family
Thermal conductivity epoxy (8 W/mk) and thermal conductivity compound (3 W/mK) are available

Applications
The ChipArray® package family is applicable for a wide range of semiconductors from high end FPGAs, ASICS to memory, analog, RF devices, MCUs and simple PLDs requiring a package size smaller than conv entional PBGAs or leadframe packages. ChipArray® packages fill the need for the low cost, minimum space, high performance and reliability requirements of mobile and gaming devices, notebooks, personal computers, networking, automotive and industrial applications.





Similar Description - X2FBGA

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Kingbright Corporation
AA3535SEL2Z4S KINGBRIGHT-AA3535SEL2Z4S Datasheet
335Kb / 6P
Compatible with IR-reflow processes
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com