Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X2FBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # X2FBGA
Description  Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

X2FBGA Datasheet(HTML) 2 Page - Amkor Technology

  X2FBGA Datasheet HTML 1Page - Amkor Technology X2FBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2019 Amkor Technology Incorporated. All Rights Reserved. DS550V-EN Rev Date: 06/19
Visit amkor.com or email sales@amkor.com for more information.
Standard Materials
f
Package substrate
▷ Conductor: Copper
▷ Dielectric: Epoxy resin glass reinforced
f
Die attach adhesive: Low-stress elastomer
f
Encapsulant: Epoxy mold compound
f
Low-alpha material available
f
Solder balls: Pb-free
f
Wire type
▷ Copper (PCC, Au Pcc)
▷ Silver and gold (2N, 4N)
Package View
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Process Highlights
f
Die thickness: 0.040-0.27 mm
f
Marking: Laser
f
Ball inspection: Optical
f
Wafer backgrinding available
f
Encapsulated SMT components available
f
Micro Pb-free covered LGA pads/LGAs available
Test Services
f
Program generation/conversion
f
Product engineering
f
Wafer sort
f
256 pin x 20 MHz test system available
f
-55°C to +165°C test available
f
Burn-in capabilities
Shipping
f
Standard JEDEC trays
f
Tape and reel
f
Dry pack
CABGA Package Thickness Capability
LFBGA
> 1.2 mm
TFBGA
1.2 mm (max)
VFBGA
1.0 mm (max)
WFBGA
0.8 mm (max)
UFBGA
0.65 mm (max)
XFBGA
0.50 mm (max)
XFBGA
0.45 mm (max)
X2FBGA
0.40 mm (max)
CA-LFBGA
CABGA-TFBGA
CTBGA/CASON
CABGA-VFBGA
CVBGA/CASON
CA-WFLGA
CASON
CA-XFBGA
CA-XFLGA
CA-XFBGA
CA-XFLGA
CA-XFBGA
CA-XFLGA
CA-X2FBGA
CA-X2FLGA
Mold Cap
Thickness
0.70 mm
0.95 mm
0.60 mm
0.53 mm
0.45 mm (BGA)
0.53 mm (LGA)
0.40 mm (BGA)
0.45 mm (LGA)
0.32/0.35 mm (BGA)*
0.40 mm (LGA)
0.25 mm (BGA)*
0.32 mm (LGA)
0.2 mm (BGA)*
0.25 mm (LGA)
0.18 mm (BGA)*
Substrate
Layer
2 Lyr
0.32 mm, 0.56 mm
4 Lyr or 6 Lyr
0.34 mm, 0.56 mm
2 Lyr or 4 Lyr
0.21 mm,
0.26 mm
2 Lyr or 4 Lyr
0.21 mm
2 Lyr
0.21 mm,
0.13 mm
2 Lyr
0.13 mm
2 Lyr
0.13 mm
2 Lyr
0.1 mm
2 Lyr
0.085 mm
Die
Thickness**
0.27 mm
0.23 mm
0.18 mm
0.13 mm
0.10 mm
0.075 mm
0.050 mm
0.040 mm
Availability
0.7 mm
All Sites
0.95 mm P3, K4
All Sites
All Sites
0.45 mm
All Sites
0.40 mm C3, K4
0.32 mm, K4, P3
0.35 mm, All Sites
0.25 mm
All Sites
0.2 mm
K4
0.18 mm
K4
*Options are available with microballs
**Die thickness is also dependent on the wirebond loop height requirement
ChipArray® CABGA/FBGA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com