Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02 Datasheet (PDF) - SYC Electronica

24C02 Datasheet PDF - SYC Electronica
Part # 24C02
Download  24C02 Download
File Size   153.75 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description SERIAL 2K (256 x 8) EEPROM

24C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C02 Datasheet PDF - SYC Electronica

Part # 24C02
Download  24C02 Click to download

File Size   153.75 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description SERIAL 2K (256 x 8) EEPROM

24C02 Datasheet (HTML) - SYC Electronica


24C02 Product details

DESCRIPTION
This specification covers a range of 2K bits I2C bus
EEPROM products, the ST24/25C02, the
ST24C02R and ST24/25W02. In the text, products
are referred to as ST24/25x02, where "x" is: "C" for
Standard version and "W" for hardware Write Control
version.




Similar Part No. - 24C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C02 STMICROELECTRONICS-24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
logo
Microchip Technology
24C02 MICROCHIP-24C02 Datasheet
84Kb / 12P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
1996
logo
List of Unclassifed Man...
24C02 ETC1-24C02 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C02 TGS-24C02 Datasheet
399Kb / 15P
Two-wire Serial EEPROM
More results


Similar Description - 24C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com