Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C512 Datasheet (PDF) - SYC Electronica

24C512 Datasheet PDF - SYC Electronica
Part # 24C512
Download  24C512 Download
File Size   235.0 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2-wire Serial EEPROM

24C512 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C512 Datasheet PDF - SYC Electronica

Part # 24C512
Download  24C512 Click to download

File Size   235.0 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2-wire Serial EEPROM

24C512 Datasheet (HTML) - SYC Electronica


24C512 Product details

Features
• Low-voltage and Standard-voltage Operation
– 5.0 (VCC = 4.5V to 5.5V)
– 2.7 (VCC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 3.6V)
• Internally Organized 65,536 x 8
• 2-wire Serial Interface
• Schmitt Triggers, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 128-byte Page Write Mode (Partial Page Writes Allowed)
• Self-timed Write Cycle (5 ms Typical)
• High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 40 Years
– ESD Protection: >4000V
• Automotive Grade and Extended Temperature Devices Available
• 8-pin PDIP and 20-pin JEDEC SOIC, 8-pin LAP, and 8-ball dBGATM Packages

Description
The AT24C512 provides 524,288 bits of serial electrically erasable and programmable
read only memory (EEPROM) organized as 65,536 words of 8 bits each. The device’s
cascadable feature allows up to 4 devices to share a common 2-wire bus. The device
is optimized for use in many industrial and commercial applications where low-power
and low-voltage operation are essential. The devices are available in space-saving
8-pin PDIP, 20-pin JEDEC SOIC, 8-pin Leadless Array (LAP), and 8-ball dBGA packages.
In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to
5.5V) and 1.8V (1.8V to 3.6V) versions.




Similar Part No. - 24C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C512 ATMEL-24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
More results


Similar Description - 24C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com